Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 64Page - Renesas Technology Corp 4571 Datasheet HTML 65Page - Renesas Technology Corp 4571 Datasheet HTML 66Page - Renesas Technology Corp 4571 Datasheet HTML 67Page - Renesas Technology Corp 4571 Datasheet HTML 68Page - Renesas Technology Corp 4571 Datasheet HTML 69Page - Renesas Technology Corp 4571 Datasheet HTML 70Page - Renesas Technology Corp 4571 Datasheet HTML 71Page - Renesas Technology Corp 4571 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
Rev.1.02
May 25, 2007
Page 68 of 124
REJ03B0179-0102
4571 Group
M34571G4: p=0 to 31
M34571G6: p=0 to 47
M34571GD: p=0 to 127
INDEX LIST OF INSTRUCTION FUNCTION
Group
ing
Mnemonic
Function
Page
TAB
(A)
← (B)
88, 103
TBA
(B)
← (A)
95, 103
TAY
(A)
← (Y)
95, 103
TYA
(Y)
← (A)
101, 103
TEAB
(E7
−E4) ← (B)
(E3
−E0) ← (A)
96, 103
TABE
(B)
← (E7−E4)
(A)
← (E3−E0)
89, 103
TDA
(DR2
−DR0) ← (A2−A0)
95, 103
TAD
(A2
−A0) ← (DR2−DR0)
(A3)
← 0
90, 103
TAZ
(A1, A0)
← (Z1, Z0)
(A3, A2)
← 0
95, 103
TAX
(A)
← (X)
94, 103
TASP
(A2
−A0) ← (SP2−SP0)
(A3)
← 0
93, 103
LXY x, y
(X)
← x, x = 0 to 15
(Y)
← y, y = 0 to 15
77, 103
LZ z
(Z)
← z, z = 0 to 3
77, 103
INY
(Y)
← (Y) + 1
76, 103
DEY
(Y)
← (Y) − 1
74, 103
TAM j
(A)
← (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
91, 103
XAM j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
102, 103
XAMD j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) − 1
102, 103
XAMI j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
102, 103
TMA j
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
98, 103
Group
ing
Mnemonic
Function
Page
LA n
(A)
← n
n = 0 to 15
76, 105
TABP p
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
(UPTF) = 1,
(DR2)
← 0
(DR1, DR0)
← (ROM(PC))9, 8
(B)
← (ROM(PC))7−4
(A)
← (ROM(PC))3−0
(PC)
← (SK(SP))
(SP)
← (SP) − 1
89, 105
AM
(A)
← (A) + (M(DP))
71, 105
AMC
(A)
← (A) + (M(DP)) + (CY)
(CY)
← Carry
71, 105
A n
(A)
← (A) + n
n = 0 to 15
71, 105
AND
(A)
← (A)AND(M(DP))
71, 105
OR
(A)
← (A)OR(M(DP))
78, 105
SC
(CY)
← 1
82, 105
RC
(CY)
← 0
80, 105
SZC
(CY) = 0 ?
86, 105
CMA
(A)
← (A)
73, 105
RAR
79, 105
SB j
(Mj(DP))
← 1
j = 0 to 3
81, 105
RB j
(Mj(DP))
← 0
j = 0 to 3
79, 105
SZB j
(Mj(DP)) = 0 ?
j = 0 to 3
86, 105
SEAM
(A) = (M(DP)) ?
83, 107
SEA n
(A) = n
n = 0 to 15
83, 107
B a
(PCL)
← a6−a0
72, 107
BL p, a
(PCH)
← p
(PCL)
← a6−a0
72, 107
BLA p
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
72, 107
CY
A3A2A1A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com