Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 2Page - Renesas Technology Corp 4571 Datasheet HTML 3Page - Renesas Technology Corp 4571 Datasheet HTML 4Page - Renesas Technology Corp 4571 Datasheet HTML 5Page - Renesas Technology Corp 4571 Datasheet HTML 6Page - Renesas Technology Corp 4571 Datasheet HTML 7Page - Renesas Technology Corp 4571 Datasheet HTML 8Page - Renesas Technology Corp 4571 Datasheet HTML 9Page - Renesas Technology Corp 4571 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
Rev.1.02
May 25, 2007
Page 6 of 124
REJ03B0179-0102
4571 Group
PORT FUNCTION
DEFINITION OF CLOCK AND CYCLE
• Operation source clock
The operation source clock is the source clock to operate this
product. In this product, the following clocks are used.
• Clock (f(XIN)) by the external ceramic resonator
• Clock (f(XIN)) by the external input
• System clock
The system clock is the basic clock for controlling this product.
The system clock is selected by the register MR.
• Instruction clock
The instruction clock is a signal derived by dividing the system
clock by 3. The one instruction clock cycle generates the one
machine cycle.
• Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
Note 1.The frequency divided by 8 is selected after system is
released from reset.
Table 5
Port function
Port
Pin
Input
Output
Output
structure
I/O unit
Control
instructions
Control
registers
Remark
Port D
D0
−D3
I/O
(5)
N-channel
open-drain/
CMOS
1 bit
SD, RD
SZD, CLD
FR1
Programmable output
structure selection function
D4/CNTR0
N-channel
open-drain
W1
W2
W5
−
Port P0
P00
P01
P02
P03
I/O
(4)
N-channel
open-drain
4 bits
OP0A
IAP0
PU0
K0
Programmable pull-up and
key-on wakeup function
Port P1
P10
P11
P12
P13
I/O
(4)
N-channel
open-drain
4 bits
OP1A
IAP1
PU1
K1
Programmable pull-up and
key-on wakeup function
Port P2
P20/INT0
P21/INT1
I/O
(2)
N-channel
open-drain
2 bits
OP2A
IAP2
PU2
K2, I1, I2, L1
Programmable pull-up and
key-on wakeup function
Port P3
P30
P31
I/O
(2)
N-channel
open-drain/
CMOS
2 bits
OP3A
IAP3
FR0
Programmable output
structure selection function
Port C
C/CNTR1
Output
(1)
CMOS
1 bit
RCP
SCP
W1, W3, W5
−
Port K
K
Input
(1)
-
1 bit
IAK
K2
Programmable key-on
wakeup function
Table 6
Table Selection of system clock
Register MR
System clock
Operation mode
MR3
MR2
1
1
f(STCK) = f(XIN)/8
Frequency divided by 8 mode
1
0
f(STCK) = f(XIN)/4
Frequency divided by 4 mode
0
1
f(STCK) = f(XIN)/2
Frequency divided by 2 mode
0
0
f(STCK) = f(XIN)
Frequency through mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com