Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 60Page - Renesas Technology Corp 4571 Datasheet HTML 61Page - Renesas Technology Corp 4571 Datasheet HTML 62Page - Renesas Technology Corp 4571 Datasheet HTML 63Page - Renesas Technology Corp 4571 Datasheet HTML 64Page - Renesas Technology Corp 4571 Datasheet HTML 65Page - Renesas Technology Corp 4571 Datasheet HTML 66Page - Renesas Technology Corp 4571 Datasheet HTML 67Page - Renesas Technology Corp 4571 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Rev.1.02
May 25, 2007
Page 64 of 124
REJ03B0179-0102
4571 Group
Note 1.“R” represents read enabled, and “W” represents write enabled.
Note 2.This function is valid only when the INT0 pin/timer 1 control is enabled (I10 =“1”) and the timer 1 count start synchronous circuit is
selected (W53 =“1”).
Note 3.This function is valid only when the INT0 pin/timer 1 control is enabled (I10 =“1”).
Timer control register PA
at reset : 002
at RAM back-up : 002
W
TPAA
PA1
Prescaler count source selection bit
0
Instruction clock (INSTCK)
1
Instruction clock divided by 4 (INSTCK)/4
PA0
Prescaler control bit
0
Stop (state initialized)
1Operating
Timer control register W1
at reset : 00002
at RAM back-up : state retained
R/W
TAW1/TW1A
W13
Timer 1 count auto-stop circuit selection bit
(Note 2)
0
Timer 1 count auto-stop circuit not selected
1
Timer 1 count auto-stop circuit selected
W12 Timer 1 control bit
0
Stop (state retained)
1Operating
Timer 1 count source selection bits
W11 W10
Count source
W11
0
0
PWM output (PWMOUT)
0
1
Prescaler output (ORCLK)
1
0
System clock (STCK)
W10
1
1
CNTR0 input
Timer control register W2
at reset : 00002
at RAM back-up : state retained
R/W
TAW2/TW2A
W23 CNTR0 pin function selection bit
0
Timer 1 underflow signal divided by 2 output
1
Timer 2 underflow signal divided by 2 output
W22 Timer 2 control bit
0
Stop (state retained)
1Operating
Timer 2 count source selection bits
W21 W20
Count source
W21
0
0
PWM output (PWMOUT)
0
1
Prescaler output (ORCLK)
1
0
System clock (STCK)
W20
1
1
Timer 1 underflow signal (T1UDF)
Timer control register W3
at reset : 00002
at RAM back-up : 00002
R/W
TAW3/TW3A
W33 CNTR1 pin output control bit
0
CNTR1 pin output invalid
1
CNTR1 pin output valid
W32
PWM signal
“H” interval expansion function control bit
0
PWM signal “H” interval expansion function invalid
1
PWM signal “H” interval expansion function valid
W31 Timer 3 control bit
0
Stop (state retained)
1Operating
W30 Timer 3 count source selection bit
0XIN input
1
Prescaler output/2
Timer control register W5
at reset : 00002
at RAM back-up : state retained
R/W
TAW5/TW5A
W53
Timer 1 count start synchronous circuit
selection bit (Note 3)
0
Count start synchronous circuit not selected
1
Count start synchronous circuit selected
W52 CNTR0 pin input count edge selection bit
0
Falling edge
1
Rising edge
W51
CNTR 1 pin output auto-control circuit
selection bit
0
Output auto-control circuit not selected
1
Output auto-control circuit selected
W50 D4/CNTR0 pin function selection bit
0D4 (I/O) / CNTR0 (input)
1D4 (input) /CNTR0 (I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com