Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 64 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 60Page - STMicroelectronics M58LT128HST Datasheet HTML 61Page - STMicroelectronics M58LT128HST Datasheet HTML 62Page - STMicroelectronics M58LT128HST Datasheet HTML 63Page - STMicroelectronics M58LT128HST Datasheet HTML 64Page - STMicroelectronics M58LT128HST Datasheet HTML 65Page - STMicroelectronics M58LT128HST Datasheet HTML 66Page - STMicroelectronics M58LT128HST Datasheet HTML 67Page - STMicroelectronics M58LT128HST Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
DC and AC parameters
M58LT128HST, M58LT128HSB
64/110
Figure 14.
Clock input ac waveform
Table 23.
Synchronous Read ac characteristics(1) (2)
1.
Sampled only, not 100% tested.
2.
For other timings please refer to Table 22: Asynchronous Read ac characteristics.
Symbol
Alt
Parameter
M58LT128HST/B
Unit
85
tAVKH
tAVCLKH
Address Valid to Clock High
Min
9
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
9
ns
tELTV
Chip Enable Low to Wait Valid
Max
17
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
20
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
17
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
17
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
ns
tLLKH
tADVLCLKH Latch Enable Low to Clock High
Min
9
ns
tKHKH
tCLK
Clock Period (f=52 MHz)
Min
19
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
6
ns
tf
tr
Clock Fall or Rise Time
Max
2
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com