Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 40Page - STMicroelectronics M58LT128HST Datasheet HTML 41Page - STMicroelectronics M58LT128HST Datasheet HTML 42Page - STMicroelectronics M58LT128HST Datasheet HTML 43Page - STMicroelectronics M58LT128HST Datasheet HTML 44Page - STMicroelectronics M58LT128HST Datasheet HTML 45Page - STMicroelectronics M58LT128HST Datasheet HTML 46Page - STMicroelectronics M58LT128HST Datasheet HTML 47Page - STMicroelectronics M58LT128HST Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
Read modes
M58LT128HST, M58LT128HSB
44/110
7
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read
operation is asynchronous; if the data output is synchronized with clock, the read operation
is synchronous.
The read mode and format of the data output are determined by the Configuration Register.
(See Section 6: Configuration Register for details). All banks support both asynchronous
and synchronous read operations.
7.1
Asynchronous Read mode
In Asynchronous Read operations the clock signal is ‘don’t care’. The device outputs the
data corresponding to the address latched, that is the memory array, Status Register,
Common Flash Interface or Electronic Signature depending on the command issued. CR15
in the Configuration Register must be set to ‘1’ for asynchronous operations.
Asynchronous Read operations can be performed in two different ways, Asynchronous
Random Access Read and Asynchronous Page Read. Only Asynchronous Page Read
takes full advantage of the internal page storage so different timings are applied.
In Asynchronous Read mode a Page of data is internally read and stored in a Page Buffer.
The Page has a size of 4 words and is addressed by address inputs A0 and A1. The first
read operation within the Page has a longer access time (tAVQV, Random access time),
subsequent reads within the same Page have much shorter access times (tAVQV1, Page
access time). If the Page changes then the normal, longer timings apply again.
The device features an Automatic Standby mode. During Asynchronous Read operations,
after a bus inactivity of 150ns, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
In Asynchronous Read mode, the WAIT signal is always de-asserted.
See Table 22: Asynchronous Read ac characteristics, Figure 9: Asynchronous random
access Read ac waveforms, and Figure 10: Asynchronous Page Read ac waveforms for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com