Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 13Page - STMicroelectronics M58LT128HST Datasheet HTML 14Page - STMicroelectronics M58LT128HST Datasheet HTML 15Page - STMicroelectronics M58LT128HST Datasheet HTML 16Page - STMicroelectronics M58LT128HST Datasheet HTML 17Page - STMicroelectronics M58LT128HST Datasheet HTML 18Page - STMicroelectronics M58LT128HST Datasheet HTML 19Page - STMicroelectronics M58LT128HST Datasheet HTML 20Page - STMicroelectronics M58LT128HST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
M58LT128HST, M58LT128HSB
Command interface
17/110
4
Command interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. An internal
Program/Erase Controller handles all timings and verifies the correct execution of the
program and erase commands. The Program/Erase Controller provides a Status Register
whose output may be read at any time to monitor the progress or the result of the operation.
The Command Interface is reset to read mode when power is first applied, when exiting from
Reset or whenever VDD is lower than VLKO. Command sequences must be followed exactly.
Any invalid combination of commands will be ignored.
Refer to Table 4: Command codes, Table 5: Standard commands, Table 6: Factory
commands, and Appendix D: Command interface state tables, for a summary of the
Command Interface.
Table 4.
Command codes
Hex Code
Command
01h
Block Protect Confirm
03h
Set Configuration Register Confirm
10h
Alternative Program Setup
20h
Block Erase Setup
40h
Program Setup
50h
Clear Status Register
60h
Block Protect Setup, Block Unprotect Setup and Set Configuration Register
Setup
70h
Read Status Register
80h
Buffer Enhanced Factory Program Setup
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
BCh
Blank Check Setup
C0h
Protection Register Program
CBh
Blank Check Confirm
D0h
Program/Erase Resume, Block Erase Confirm, Block Unprotect Confirm, Buffer
Program or Buffer Enhanced Factory Program Confirm
E8h
Buffer Program
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com