Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 87 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 87 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 83Page - STMicroelectronics M58LT128HST Datasheet HTML 84Page - STMicroelectronics M58LT128HST Datasheet HTML 85Page - STMicroelectronics M58LT128HST Datasheet HTML 86Page - STMicroelectronics M58LT128HST Datasheet HTML 87Page - STMicroelectronics M58LT128HST Datasheet HTML 88Page - STMicroelectronics M58LT128HST Datasheet HTML 89Page - STMicroelectronics M58LT128HST Datasheet HTML 90Page - STMicroelectronics M58LT128HST Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
M58LT128HST, M58LT128HSB
Common Flash Interface
87/110
Table 38.
Bank and Erase Block region information(1) (2)
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank Regions. There are two Bank Regions, see Table 29 and Table 30.
Flash memory (top)
Flash memory (bottom)
Description
Offset
Data
Offset
Data
(P+23)h = 12Dh
02h
(P+23)h = 12Dh
02h
Number of Bank Regions within the device
Table 39.
Bank and Erase Block region 1 information
M58LT128HST (top)
M58LT128HSB
(bottom)
Description
Offset
Data
Offset
Data
(P+24)h = 12Eh
0Fh
(P+24)h = 12Eh
01h
Number of identical banks within Bank Region 1
(P+25)h = 12Fh
00h
(P+25)h = 12Fh
00h
(P+26)h = 130h
11h
(P+26)h = 130h
11h
Number of program or erase operations allowed
in Bank Region 1:
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+27)h = 131h
00h
(P+27)h = 131h
00h
Number of program or erase operations allowed
in other banks while a bank in same region is
programming
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+28)h = 132h
00h
(P+28)h = 132h
00h
Number of program or erase operations allowed
in other banks while a bank in this region is
erasing
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+29)h = 133h
01h
(P+29)h = 133h
02h
Types of erase block regions in Bank Region 1
n = number of erase block regions with
contiguous same-size erase blocks.
Symmetrically blocked banks have one blocking
region(2).
(P+2A)h = 134h
07h
(P+2A)h = 134h
03h
Bank Region 1 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase
blocks
Bits 16-31: n×256 = number of bytes in erase
block region
(P+2B)h = 135h
00h
(P+2B)h = 135h
00h
(P+2C)h = 136h
00h
(P+2C)h = 136h
80h
(P+2D)h = 137h
02h
(P+2D)h = 137h
00h
(P+2E)h = 138h
64h
(P+2E)h = 138h
64h
Bank Region 1 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+2F)h = 139h
00h
(P+2F)h = 139h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com