Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 69 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 69 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 65Page - STMicroelectronics M58LT128HST Datasheet HTML 66Page - STMicroelectronics M58LT128HST Datasheet HTML 67Page - STMicroelectronics M58LT128HST Datasheet HTML 68Page - STMicroelectronics M58LT128HST Datasheet HTML 69Page - STMicroelectronics M58LT128HST Datasheet HTML 70Page - STMicroelectronics M58LT128HST Datasheet HTML 71Page - STMicroelectronics M58LT128HST Datasheet HTML 72Page - STMicroelectronics M58LT128HST Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
M58LT128HST, M58LT128HSB
DC and AC parameters
69/110
Figure 17.
Reset and Power-up ac waveforms
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL
Table 26.
Reset and Power-up ac characteristics
Symbol
Parameter
Test condition
85
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to
Write Enable Low,
Chip Enable Low,
Output Enable Low,
Latch Enable Low
During Program
Min
25
µs
During Erase
Min
25
µs
Read
Min
80
ns
Other conditions
Min
20
µs
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to
Write Enable Low
Chip Enable Low
Output Enable Low
Latch Enable Low
Min
30
ns
tPLPH
(1),(2)
RP Pulse Width
Min
50
ns
tVDHPH
(3)
Supply Voltages High to Reset
High
Min
150
µs
1.
The device Reset is possible but not guaranteed if tPLPH < 50ns.
2.
Sampled only, not 100% tested.
3.
It is important to assert RP in order to allow proper CPU initialization during Power-Up or Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com