Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 25Page - STMicroelectronics M58LT128HST Datasheet HTML 26Page - STMicroelectronics M58LT128HST Datasheet HTML 27Page - STMicroelectronics M58LT128HST Datasheet HTML 28Page - STMicroelectronics M58LT128HST Datasheet HTML 29Page - STMicroelectronics M58LT128HST Datasheet HTML 30Page - STMicroelectronics M58LT128HST Datasheet HTML 31Page - STMicroelectronics M58LT128HST Datasheet HTML 32Page - STMicroelectronics M58LT128HST Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
M58LT128HST, M58LT128HSB
Command interface
29/110
Table 5.
Standard commands(1)
1.
X = Don't Care, WA = word Address in targeted bank, RD =Read Data, SRD =Status Register Data, ESD =
Electronic Signature Data, QD =Query Data, BA =Block Address, BKA = Bank Address, PD = Program
Data, PRA = Protection Register Address, PRD = Protection Register Data, CRD = Configuration Register
Data.
Commands
Bus operations
1st cycle
2nd cycle
Op.
Add
Data
Op.
Add
Data
Read Array
1+
Write
BKA
FFh
Read
WA
RD
Read Status Register
1+
Write
BKA
70h
Read
BKA(2)
2.
Must be same bank as in the first cycle. The signature addresses are listed in Table 7.
SRD
Read Electronic Signature
1+
Write
BKA
90h
Read
BKA(2)
ESD
Read CFI Query
1+
Write
BKA
98h
Read
BKA(2)
QD
Clear Status Register
1
Write
X
50h
Block Erase
2
Write
BKA or
BA(3)
3.
Any address within the bank can be used.
20h
Write
BA
D0h
Program
2
Write
BKA or
WA(3)
40h or
10h
Write
WA
PD
Buffer Program(4)
4.
n+1 is the number of words to be programmed.
n+4
Write
BA
E8h
Write
BA
n
Write
PA1
PD1
Write
PA2
PD2
Write
PAn+1
PDn+1
Write
X
D0h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Protection Register Program
2
Write
PRA
C0h
Write
PRA
PRD
Set Configuration Register
2
Write
CRD
60h
Write
CRD
03h
Block Protect
2
Write
BKA or
BA(3)
60h
Write
BA
01h
Block Unprotect
2
Write
BKA or
BA(3)
60h
Write
BA
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com