Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 8Page - STMicroelectronics M58LT128HST Datasheet HTML 9Page - STMicroelectronics M58LT128HST Datasheet HTML 10Page - STMicroelectronics M58LT128HST Datasheet HTML 11Page - STMicroelectronics M58LT128HST Datasheet HTML 12Page - STMicroelectronics M58LT128HST Datasheet HTML 13Page - STMicroelectronics M58LT128HST Datasheet HTML 14Page - STMicroelectronics M58LT128HST Datasheet HTML 15Page - STMicroelectronics M58LT128HST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
Signal descriptions
M58LT128HST, M58LT128HSB
12/110
2
Signal descriptions
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address inputs (A0-A22)
The Address Inputs select the cells in the memory array to access during Bus Read
operations. During Bus Write operations they control the commands sent to the Command
Interface of the Program/Erase Controller.
2.2
Data inputs/outputs (DQ0-DQ15)
The Data I/O output the data stored at the selected address during a Bus Read operation or
input a command or the data to be programmed during a Bus Write operation.
2.3
Chip Enable (E)
The Chip Enable input activates the memory control logic, input buffers, decoders and
sense amplifiers. When Chip Enable is at VILand Reset is at VIH the device is in active
mode. When Chip Enable is at VIH the memory is deselected, the outputs are high
impedance and the power consumption is reduced to the standby level.
2.4
Output Enable (G)
The Output Enable input controls data outputs during the Bus Read operation of the
memory.
2.5
Write Enable (W)
The Write Enable input controls the Bus Write operation of the memory’s Command
Interface. The data and address inputs are latched on the rising edge of Chip Enable or
Write Enable whichever occurs first.
2.6
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to Table 20: DC characteristics - currents,
for the value of IDD2. After Reset all blocks are in the Protected state and the Configuration
Register is reset. When Reset is at VIH, the device is in normal operation. Exiting reset
mode the device enters asynchronous read mode, but a negative transition of Chip Enable
or Latch Enable is required to ensure valid data outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com