Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 89 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 89 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 85Page - STMicroelectronics M58LT128HST Datasheet HTML 86Page - STMicroelectronics M58LT128HST Datasheet HTML 87Page - STMicroelectronics M58LT128HST Datasheet HTML 88Page - STMicroelectronics M58LT128HST Datasheet HTML 89Page - STMicroelectronics M58LT128HST Datasheet HTML 90Page - STMicroelectronics M58LT128HST Datasheet HTML 91Page - STMicroelectronics M58LT128HST Datasheet HTML 92Page - STMicroelectronics M58LT128HST Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
M58LT128HST, M58LT128HSB
Common Flash Interface
89/110
Table 40.
Bank and Erase Block Region 2 Information
M58LT128HST (top)
M58LT128HSB
(bottom)
Description
Offset
Data
Offset
Data
(P+32)h = 13Ch
01h
(P+3A)h = 144h
0Fh
Number of identical banks within Bank Region 2
(P+33)h = 13Dh
00h
(P+3B)h = 145h
00h
(P+34)h = 13Eh
11h
(P+3C)h = 146h
11h
Number of program or erase operations allowed
in Bank Region 2:
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+35)h = 13Fh
00h
(P+3D)h = 147h
00h
Number of program or erase operations allowed
in other banks while a bank in this region is
programming
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+36)h = 140h
00h
(P+3E)h = 148h
00h
Number of program or erase operations allowed
in other banks while a bank in this region is
erasing
Bits 0-3: Number of simultaneous program
operations
Bits 4-7: Number of simultaneous erase
operations
(P+37)h = 141h
02h
(P+3F)h = 149h
01h
Types of erase block regions in Bank Region 2
n = number of erase block regions with
contiguous same-size erase blocks.
Symmetrically blocked banks have one blocking
region.(2)
(P+38)h = 142h
06h
(P+40)h = 14Ah
07h
Bank Region 2 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase
blocks
Bits 16-31: n×256 = number of bytes in erase
block region
(P+39)h = 143h
00h
(P+41)h = 14Bh
00h
(P+3A)h = 144h
00h
(P+42)h = 14Ch
00h
(P+3B)h = 145h
02h
(P+43)h = 14Dh
02h
(P+3C)h = 146h
64h
(P+44)h = 14Eh
64h
Bank Region 2 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+3D)h = 147h
00h
(P+45)h = 14Fh
00h
(P+3E)h = 148h
01h
(P+46)h = 150h
01h
Bank Region 2 (Erase Block Type 1): BIts per
cell, internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com