Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 93 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 93 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 89Page - STMicroelectronics M58LT128HST Datasheet HTML 90Page - STMicroelectronics M58LT128HST Datasheet HTML 91Page - STMicroelectronics M58LT128HST Datasheet HTML 92Page - STMicroelectronics M58LT128HST Datasheet HTML 93Page - STMicroelectronics M58LT128HST Datasheet HTML 94Page - STMicroelectronics M58LT128HST Datasheet HTML 95Page - STMicroelectronics M58LT128HST Datasheet HTML 96Page - STMicroelectronics M58LT128HST Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
M58LT128HST, M58LT128HSB
Flowcharts and pseudo codes
93/110
Figure 21.
Buffer Program flowchart and pseudo code
1.
n + 1 is the number of data being programmed.
2.
Next Program data is an element belonging to buffer_Program[].data; Next Program address is an element belonging to
buffer_Program[].address
3.
Routine for Error Check by reading SR3, SR4 and SR1.
Buffer Program E8h
Command,
Start Address
AI08913b
Start
Write Buffer Data,
Start Address
YES
X = n
End
NO
Write n(1),
Start Address
X = 0
Write Next Buffer Data,
Next Program Address
X = X + 1
Program
Buffer to Flash
Confirm D0h
Read Status
Register
NO
SR7 = 1
YES
Full Status
Register Check(3)
(2)
Read Status
Register
NO
SR7 = 1
YES
Buffer_Program_command (Start_Address, n, buffer_Program[] )
/* buffer_Program [] is an array structure used to store the address and
data to be programmed to the Flash memory (the address must be within
the segment Start Address and Start Address+n) */
{
do {writeToFlash (Start_Address, 0xE8) ;
status_register=readFlash (Start_Address);
} while (status_register.SR7==0);
writeToFlash (Start_Address, n);
writeToFlash (buffer_Program[0].address, buffer_Program[0].data);
/*buffer_Program[0].address is the start address*/
x = 0;
while (x<n)
{ writeToFlash (buffer_Program[x+1].address, buffer_Program[x+1].data);
x++;
}
writeToFlash (Start_Address, 0xD0);
do {status_register=readFlash (Start_Address);
} while (status_register.SR7==0);
full_status_register_check();
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com