Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 44Page - STMicroelectronics M58LT128HST Datasheet HTML 45Page - STMicroelectronics M58LT128HST Datasheet HTML 46Page - STMicroelectronics M58LT128HST Datasheet HTML 47Page - STMicroelectronics M58LT128HST Datasheet HTML 48Page - STMicroelectronics M58LT128HST Datasheet HTML 49Page - STMicroelectronics M58LT128HST Datasheet HTML 50Page - STMicroelectronics M58LT128HST Datasheet HTML 51Page - STMicroelectronics M58LT128HST Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
Dual operations and Multiple Bank architecture
M58LT128HST, M58LT128HSB
48/110
Table 14.
Dual operations allowed in same bank
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program,
Buffer
Program
Block
Erase
Program
/Erase
Suspend
Program
/Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
–(1)
1.
The Read Array command is accepted but the data output is not guaranteed until the Program or Erase
has completed.
Yes
Yes
Yes
–
–
Yes
–
Erasing
–(1)
Yes
Yes
Yes
–
–
Yes
–
Program
Suspended
Yes(2)
2.
The Read Array command is accepted but the data output is not guaranteed in the Block that is being
erased, or in the word that is being programmed.
Yes
Yes
Yes
–
–
–
Yes
Erase
Suspended
Yes(2)
Yes
Yes
Yes
Yes(3)
3.
Not allowed in the Block that is being erased or in the word that is being programmed.
––
Yes
Table 15.
Dual operation limitations
Current Status
Commands allowed
Read CFI / OTP /
Electronic
Signature
Read
Parameter
Blocks
Read Main Blocks
Located in
Parameter
Bank
Not Located
in Parameter
Bank
Programming / Erasing
Parameter Blocks
No
No
No
Yes
Programming /
Erasing Main
Blocks
Located in
Parameter
Bank
Yes
No
No
Yes
Not Located
in Parameter
Bank
Yes
Yes
Yes
In Different
Bank Only
Programming OTP
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com