Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 32Page - STMicroelectronics M58LT128HST Datasheet HTML 33Page - STMicroelectronics M58LT128HST Datasheet HTML 34Page - STMicroelectronics M58LT128HST Datasheet HTML 35Page - STMicroelectronics M58LT128HST Datasheet HTML 36Page - STMicroelectronics M58LT128HST Datasheet HTML 37Page - STMicroelectronics M58LT128HST Datasheet HTML 38Page - STMicroelectronics M58LT128HST Datasheet HTML 39Page - STMicroelectronics M58LT128HST Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
Status Register
M58LT128HST, M58LT128HSB
36/110
Table 9.
Status Register bits
Bit
Name
Type
Logic
Level(1)
1.
Logic level '1' is High, '0' is Low.
Definition
SR7 P/E.C. Status
Status
'1'
Ready
'0'
Busy
SR6
Erase Suspend
Status
Status
'1'
Erase Suspended
'0'
Erase In progress or Completed
SR5
Erase/Blank Check
Status
Error
'1'
Erase/Blank Check Error
'0'
Erase/Blank Check Success
SR4 Program Status
Error
'1'
Program Error
'0'
Program Success
SR3 VPP Status
Error
'1'
VPP Invalid, Abort
'0'
VPP OK
SR2
Program Suspend
Status
Status
'1'
Program Suspended
'0'
Program In Progress or Completed
SR1
Block Protection
Status
Error
'1'
Program/Erase on protected Block, Abort
'0'
No operation to protected blocks
SR0
Bank Write Status
Status
'1'
SR7 = ‘1’ Not Allowed
SR7 = ‘0’
Program or erase operation in a bank
other than the addressed bank
'0'
SR7 = ‘1’
No Program or erase operation in the
device
SR7 = ‘0’
Program or erase operation in
addressed bank
Multiple Word
Program Status
(Buffer Enhanced
Factory Program
mode)
Status
'1'
SR7 = ‘1’ Not Allowed
SR7 = ‘0’
the device is NOT ready for the next
Buffer loading or is going to exit the
BEFP mode
'0'
SR7 = ‘1’ the device has exited the BEFP mode
SR7 = ‘0’
the device is ready for the next Buffer
loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com