Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HST Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 45Page - STMicroelectronics M58LT128HST Datasheet HTML 46Page - STMicroelectronics M58LT128HST Datasheet HTML 47Page - STMicroelectronics M58LT128HST Datasheet HTML 48Page - STMicroelectronics M58LT128HST Datasheet HTML 49Page - STMicroelectronics M58LT128HST Datasheet HTML 50Page - STMicroelectronics M58LT128HST Datasheet HTML 51Page - STMicroelectronics M58LT128HST Datasheet HTML 52Page - STMicroelectronics M58LT128HST Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
M58LT128HST, M58LT128HSB
Block protection
49/110
9
Block protection
The M58LT128HST/B features an instant, individual block protection scheme that allows any
block to be protected or unprotected with no latency. This protection scheme has two levels
of protection.
●
Protect/Unprotect - this first level allows software only control of block protection.
●
VPP ≤VPPLK - the second level offers a complete hardware protection against program
and erase on all blocks.
The protection status of each block can be set to Protected and Unprotected. Appendix C,
Figure 25, shows a flowchart for the protection operations.
9.1
Reading a block’s protection status
The protection status of every block can be read in the Read Electronic Signature mode of
the device. To enter this mode issue the Read Electronic Signature command. Subsequent
reads at the address specified in Table 7, will output the protection status of that block.
The protection status is represented by DQ0. DQ0 indicates the Block Protect/Unprotect
status and is set by the Protect command and cleared by the Unprotect command.
The following sections explain the operation of the protection system.
9.2
Protected state
The default status of all blocks on power-up or after a hardware reset is Protected (state =
1). Protected blocks are fully protected from program or erase operations. Any program or
erase operations attempted on a protected block will return an error in the Status Register.
The Status of a Protected block can be changed to Unprotected using the appropriate
software commands. An Unprotected block can be Protected by issuing the Protect
command.
9.3
Unprotected state
Unprotected blocks (state = 0), can be programmed or erased. All unprotected blocks return
to the Protected state after a hardware reset or when the device is powered-down. The
status of an unprotected block can be changed to Protected using the appropriate software
commands. A protected block can be unprotected by issuing the Unprotect command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com