Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 11Page - Monolithic Power Systems MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems MP6546GL Datasheet HTML 17Page - Monolithic Power Systems MP6546GL Datasheet HTML 18Page - Monolithic Power Systems MP6546GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
15
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REGISTER MAP (6)
Add.
Type
H/L
Default
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
00h
OTP
H
E0h
OCP_
EN
SCP_
EN
STDBY_
EN
ADDR[1:0]
OCP_
SEL
AMOD
THETA_
DIR
L
03h
OVP_
EN
FLT_N_SVM[1:0]
DRV_
MOD
SPI_3
FLT_N[2:0]
01h
OTP
H
51h
VA_BIAS[7:0]
L
51h
VB_BIAS[7:0]
02h
OTP
H
00h
THETA_BIAS[11:4]
L
07h
THETA_BIAS[3:0]
POLE_PAIR[3:0]
03h
OTP
H
01h
SPI_BAUD[2:0]
RESERVED
TRIM_
ENP
L
00h
PCODE[7:0]
07h
RAM
H
00h
RESERVED
ANGLE_T[11:8]
L
00h
ANGLE_T[7:0]
08h
RAM
H
00h
RESERVED
UD[9:8]
L
00h
UD[7:0]
09h
RAM
H
00h
RESERVED
UQ[9:8]
L
00h
UQ[7:0]
0Ah
RAM
H
08h
RESERVED
ALN_MD
RESERVED
L
00h
RESERVED
0Ch
RO
H
-
FAULT
ANGLE[14:8]
L
-
ANGLE[7:0]
0Dh
RO
H
-
RESERVED
SCPF
TSDF
OVPF
OCPF
L
-
INL_COMP[7:0]
0Fh
CMD
H
-
NOR_MOD
L
-
10h
CMD
H
-
STB_MOD
L
-
11h
RAM
H
00h
CMD_CODE[2:0]
SPI_REG_ADDR[4:0]
L
00h
SPI_DATA[7:0]
13h
RAM
H
00h
INL_02[3:0]
INL_01[5:2]
L
00h
INL_01[1:0]
INL_00[5:0]
14h
RAM
H
00h
INL_05[1:0]
INL_04[5:0]
L
00h
INL_03[5:0]
INL_02[5:4]
15h
RAM
H
00h
INL_07[5:0]
INL_06[5:4]
L
00h
INL_06[4:0]
INL_05[5:2]
16h
RAM
H
00h
INL_0A[3:0]
INL_09[5:2]
L
00h
INL_09[1:0]
INL_08[5:0]
17h
RAM
H
00h
INL_0D[1:0]
INL_0C[5:0]
L
00h
INL_0B[5:0]
INL_0A[5:4]
18h
RAM
H
00h
INL_0F[5:0]
INL_0E[5:4]
L
00h
INL_0E[4:0]
INL_0D[5:2]
19h
RAM
H
00h
INL_12[3:0]
INL_11[5:2]
L
00h
INL_11[1:0]
INL_10[5:0]
1Ah
RAM
H
00h
INL_15[1:0]
INL_14[5:0]
L
00h
INL_13[5:0]
INL_12[5:4]
1Bh
RAM
H
00h
INL_17[5:0]
INL_16[5:4]
L
00h
INL_16[4:0]
INL_15[5:2]
1Ch
RAM
H
00h
INL_1A[3:0]
INL_19[5:2]
L
00h
INL_19[1:0]
INL_18[5:0]
1Dh
RAM
H
00h
INL_1D[1:0]
INL_1C[5:0]
L
00h
INL_1B[5:0]
INL_1A[5:4]
1Eh
RAM
H
00h
INL_1F[5:0]
INL_1E[5:4]
L
00h
INL_1E[4:0]
INL_1D[5:2]
Note:
6)
In the H/L column, “H” means bits[15:8], while “L” means bits[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com