Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6546GL Datasheet HTML 1Page - Monolithic Power Systems MP6546GL Datasheet HTML 2Page - Monolithic Power Systems MP6546GL Datasheet HTML 3Page - Monolithic Power Systems MP6546GL Datasheet HTML 4Page - Monolithic Power Systems MP6546GL Datasheet HTML 5Page - Monolithic Power Systems MP6546GL Datasheet HTML 6Page - Monolithic Power Systems MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
4
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
nFT
Fault indication. The nFT pin is an open-drain output that pulls to logic low when there is
a fault condition.
2
EN
IC enable input. Pull the EN pin to logic high to enter operating mode. This pin is pulled
down internally.
3
ADDR
Slave address selection pin.
4
VCP
Charge pump output. Connect a 1µF, 16V, X7R ceramic capacitor from VCP to VIN.
5,12
VIN
Input power.
6
UA
Phase A output.
7,9
PGND
Power ground.
8
UB
Phase B output.
10
UC
Phase C output.
11
NC
No connection.
13
3.3V
3.3V LDO output. Connect a 4.7µF, 10V, X7R ceramic capacitor from 3.3V to ground.
14
AGND
Analog ground.
15
HA/CS1
Multi-configuration pin. In linear Hall sensor input mode, this pin is the Hall input A signal.
In magnetic angle sensor input mode, this pin is the serial peripheral interface (SPI) chip
selection output.
16
HB/SCK1
Multi-configuration pin. In linear Hall sensor input mode, this pin is the Hall input B signal.
In magnetic angle sensor input mode, this pin is the SPI clock output pin.
17
MISO1
SPI data input pin.
18
MOSI1
SPI data output pin.
19
SDA
I2C interface SDA pin.
20
SCL
I2C interface SCL pin.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +24V
VCP ........................................... -0.3V to VIN + 5V
VUA, VUB, VUC ......................... -0.3V to VIN + 0.3V
All other pins ...................................-0.3V to +5V
Continuous power dissipation (TA = 25°C) (2)
................................................................... 2.6W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -60°C to +150°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM) ................ ±750V
Recommended Operating Conditions (3)
Supply voltage (VCC) ........................3.5V to 22V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-20 (3mmx4mm)..............48
….....10...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)
- TA) / θJA. Exceeding the maximum allowable power dissipation
can cause excessive die temperature, and the regulator may
go into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com