Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems MP6546GL Datasheet HTML 17Page - Monolithic Power Systems MP6546GL Datasheet HTML 18Page - Monolithic Power Systems MP6546GL Datasheet HTML 19Page - Monolithic Power Systems MP6546GL Datasheet HTML 20Page - Monolithic Power Systems MP6546GL Datasheet HTML 21Page - Monolithic Power Systems MP6546GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
18
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ALIGN_MOD (0Ah)
The ALIGN_MOD command configures the angle source used in vector control mode.
Bits
Name
Description
15:11
RESERVED
Reserved.
10
ALN_MD
0: The angle used in vector control mode is from an external sensor
1: The angle used in vector control mode is from register ANGLE_T[11:0]
9:0
RESERVED
Reserved.
ANGLE (0Ch)
The ANGLE command shows the mechanical angle from external sensor.
Bits
Name
Description
15
FAULT
Integrated error indication bit.
14:0
ANGLE[14:0]
The mechanical angle in one cycle.
FAULT_FLAG (0Dh)
The FAULT_FLAG command shows the status of each fault type.
Bits
Name
Description
15:12
RESERVED
Reserved.
11
SCPF
Short-circuit protection (SCP) flag.
10
TSDF
Thermal shutdown (TSD) flag.
9
OVPF
Over-voltage protection (OVP) flag.
8
OCPF
Over-current protection (OCP) flag.
7:0
INL_COMP[7:0]
INL compensation value at the current position.
NOR_MOD (0Fh)
The NOR_MOD command controls when to enter work mode.
Bits
Name
Description
15:0
NOR_MOD
Write to this register to enter work mode.
STB_MOD (10h)
The STB_MOD command controls when to enter standby mode.
Bits
Name
Description
15:0
STB_MOD
Write to this register to enter standby mode.
SPI_CMD (11h)
The SPI_CMD command configures SPI communication.
Bits
Name
Description
15:13
CMD_CODE[2:0]
0: Sensor angle read
1: Sensor register read
2: Sensor register write
12:8
SPI_REGADDR[4:0]
Set the sensor register address.
7:0
SPI_DATA[7:0]
Read/Write the sensor register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com