Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems MP6546GL Datasheet HTML 17Page - Monolithic Power Systems MP6546GL Datasheet HTML 18Page - Monolithic Power Systems MP6546GL Datasheet HTML 19Page - Monolithic Power Systems MP6546GL Datasheet HTML 20Page - Monolithic Power Systems MP6546GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
17
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
THETA_BIAS (02h)
The THETA_BIAS command configures sensor angle bias.
Bits
Name
Description
15:4
THETA_BIAS[11:0]
Sets the mechanical theta bias.
3:0
POLE_PAIR[3:0]
Sets the motor pole pairs.
CONTROL2 (03h)
The CONTROL2 command configures some basic settings.
Bits
Name
Description
15:13
SPI_BAUD[2:0]
Set the baud rate of SPI.
0: SPI CLK = 7.5MHz
1: SPI CLK = 3.75MHz
2: SPI CLK = 2.5MHz
3: SPI CLK = 1.875MHz
4: SPI CLK = 1.5MHz
5: SPI CLK = 1.25MHz
6: SPI CLK = 1.07MHz
7: SPI CLK = 0.938MHz
12:9
RESERVED
Reserved.
8
TRIM_ENP
0: The 3.3V LDO is off in standby mode
1: The 3.3V LDO is on in standby mode
7:0
PCODE[7:0]
Production code number.
ANGLE_TEST (07h)
The ANGLE_TEST command configures the angle test value or output duty.
Bits
Name
Description
15:12
RESERVED
Reserved.
11:0
ANGLE_T[11:0]
If DRV_MOD = 0: Sets the align angle in vector control mode
If DRV_MOD = 1: Sets phase A
’s duty in duty control mode
D_AXIS_VOLTAGE (09h)
The D_AXIS_VOLTAGE command configures the voltage vector or output duty.
Bits
Name
Description
15:10
RESERVED
Reserved.
9:0
UD[9:0]
If DRV_MOD = 0: Sets the d-axis voltage in vector control mode
If DRV_MOD = 1: Set
s phase B’s duty in duty control mode
Q_AXIS_VOLTAGE (09h)
The Q_AXIS_VOLTAGE command configures the voltage vector or output duty.
Bits
Name
Description
15:10
RESERVED
Reserved.
9:0
UQ[9:0]
If DRV_MOD = 0: Sets the Q-axis voltage in vector control mode
If DRV_MOD = 1: Sets
phase C’s duty in duty control mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com