Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems MP6546GL Datasheet HTML 10Page - Monolithic Power Systems MP6546GL Datasheet HTML 11Page - Monolithic Power Systems MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
11
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP6546 is a 3-phase brushless DC (BLDC)
motor driver that can support both linear Hall
sensor inputs and a magnetic sensor input. The
device supports multi-slave mode and three-axis
gimbals connected to a single I2C interface bus
to reduce the microcontroller (MCU) load and
system cost. Each slave unit calculates its own
angle and controls the motor based on the
UD[7:0] and UQ[7:0] bits from th
e system’s MCU
via the I2C interface.
External Angle Input Interface
The MP6546 supports both linear Hall inputs and
a magnetic Hall sensor input for the field-
oriented control (FOC) engine and system
control. Use the AMOD bit in register 00h to
select the input interface. The external sensor
angle can be read via the ANGLE[14:0] bits in
register 0Ch.
Magnetic Angle Sensor Input Mode
In magnetic angle sensor input mode, the
MP6546 reads the external angle data input
through the serial peripheral interface (SPI) or
synchronous
serial
communication
(SSC)
interface
(see
Figure
4).
Select
the
communication mode via the SPI_3 bit in register
00h. The baud rate of either interface can be set
via the SPI_BAUD[2:0] bits in register 03h.
Sensor w/ SPI
CS1
SCK1
MISO1
MP6546
CS
SCLK
MISO
MOSI1
MOSI
3.3V
VDD
Sensor w/ SSC
CS1
SCK1
MOSI1
MP6546
CS
CLK
DATA
3.3V
VDD
Figure 4: SPI and SSC Interface
The MP6546 supports the magnetic angle
sensor ICs from MPS
’s MagAlpha family, though
other angle sensors can be applied if the
protocols are compatible. Follow the examples
below to configure the MagAlpha family:
1. Read angle: Set SPI_REG_ADDR[4:0] to 0
and set CMD_CODE[2:0] to 0 by writing to
register 11h. Then the sensor angle
’s value
can be obtained via ANGLE[14:0].
2. Read register: Set SPI_REG_ADDR[4:0] to
the sensor
’s register address, and set
CMD_CODE[2:0] to 1 by writing to register
11h. Then the sensor
’s register value can be
obtained via SPI_DATA[7:0] in register 11h.
3. Write register: Set SPI_REG_ADDR[4:0] to
the
sensor
’s
register
address,
set
SPI_DATA[7:0] to the sensor
’s register
value, and set CMD_CODE[2:0] to 2.
Linear Hall Sensor Input
In linear Hall sensor input mode, the MP6546
reads the external angle data input through the
HA and HB interface. The HA and HB signals go
to the internal analog-to-digital converter (ADC),
and the digital core calculates the angle based
on these two signals (see Figure 5).
Hall Sensor A
HA
MP6546
OUT
Hall Sensor A
HB
OUT
VCC
VCC
VCC
Figure 5: Linear Hall Sensor Interface
To use the linear Hall sensor, set AMOD to 1 to
power up the ADC circuit. Then configure
VA_BIAS[7:0] and VB_BIAS[7:0] (in register
01h) to compensate for the DC offset of the input
SIN/COS signal (VOFFSET). Vx_BIAS[7:0] can be
calculated with Equation (1):
6.445
500
V
0]
:
Vx_BIAS[7
OFFSET −
=
(1)
For example, if VOFFSET is 1650mV, then register
01h should be set to 0xB2B2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com