Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6546GL Datasheet HTML 1Page - Monolithic Power Systems MP6546GL Datasheet HTML 2Page - Monolithic Power Systems MP6546GL Datasheet HTML 3Page - Monolithic Power Systems MP6546GL Datasheet HTML 4Page - Monolithic Power Systems MP6546GL Datasheet HTML 5Page - Monolithic Power Systems MP6546GL Datasheet HTML 6Page - Monolithic Power Systems MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
3
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP6546GL-xxxx **
QFN-20 (3mmx4mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MP6546GL-xxxx-Z).
** The default code for this part is “0000”.
TOP MARKING
MP: MPS prefix
Y: Year code
W: Week code
6546: Part number
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
nFT
VIN
VCP
3.3V
1
2
3
4
5
12
13
15
16
VIN
Exposed Pad
14
ADDR
HB/SCK1
EN
AGND
HA/CS1
UA
7
8
9
10
17
18
19
20
6
11
NC
QFN-20 (3mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com