Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 6Page - Monolithic Power Systems MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems MP6546GL Datasheet HTML 10Page - Monolithic Power Systems MP6546GL Datasheet HTML 11Page - Monolithic Power Systems MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
10
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
VIN
VIN
VCP
UA
UB
UC
PGND
HA/CS1
HB/SCK1
Fault
Handling
nFT
Input
Interface
LDO
3.3V
EN
VCP
AD
Digital Core
OCP
OTP
Gate
Driver
AGND
NVM
Angle
Calculation
SPI/SSC
ADDR
MISO1
SCL
SDA
MOSI1
Figure 3: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com