Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems MP6546GL Datasheet HTML 10Page - Monolithic Power Systems MP6546GL Datasheet HTML 11Page - Monolithic Power Systems MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
12
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Internal Angle Processing
Theta Bias, Direction and Pole Pairs
The MP6546 supports a biased angle setting to
align the
sensor angle’s zero position with phase
A’s
axis.
This
bias
can
be
set
via
THETA_BIAS[11:0] in register 02h.
The angle direction can be corrected by the
THETA_DIR bit in register 00h if the desired
rotation direction is opposite of the sensor angle.
The MP6546 supports up to 15 pairs of motor
poles, which can be set via POLE_PAIR[3:0] in
register 02h.
Theta Filter
The MP6546 supports two type of angle low-
pass filters. The first filter is used for internal
space vector PWM (SVPWM) control. Select the
bandwidth frequency via FLT_N_SVM[2:0] in
register 00h. The second filter is provided for the
system
’s angle output. In this scenario, select
the bandwidth frequency via FLT_N[1:0] in
register 00h, and obtain the angle value by
reading ANGLE[14:0].
INL Correction
The MP6546 supports an INL correction function
to compensate for the angle error caused by the
nonlinear factors. The INL error in one cycle is
divided to 32 segments, which are configured by
registers
INL_00[5:0]~INL_1F[5:0]
(registers
13h~1Eh). Each segment can cover an INL error
of up to 22.4° (see Figure 6).
INL_00[5:0]
INL_01[5:0]
INL_02[5:0]
…
Reference
0°
360°
Sensor
Error
Angle
Figure 6: Sensor INL Calibration
INLxx[5:0] can be estimated with Equation (2):
+
=
0
θ
,
2
0.35
θ
0
θ
,
0.35
θ
0]
:
INL_xx[5
INL
6
INL
INL
INL
(2)
Where θINL is INL error (in °), and INL_xx[5:0] is
the correction value represented by a signed
number of 6 bits.
For example, i
f θINL is -5°, then set INL_xx[5:0] to
0x32.
The INL compensation for the current position
can be obtained via INL_COMP[7:0] in register
0Dh.
Drive Mode
The MP6546 supports two inverter drive modes:
vector control mode and duty control mode.
Select the control mode via the DRV_MOD bit in
register 00h.
Vector Control Mode
In vector control mode, UD[9:0] (in register 08h)
and UQ[9:0] (in register 09h) must be set, and
the angle that is used for IPARK coordinate
transformation can come from either the external
sensor or ANGLE_T[11:0] in register 07h. Use
the ALN_MOD bit in register 0Ah to select the
angle source.
UD[9:0] and UQ[9:0] can be calculated with
Equation (3) and Equation (4), respectively:

+
=
0
ud
,
2
V
ud
3
512
0
ud
,
V
ud
3
512
0]
:
UD[9
10
IN
IN
(3)

+
=
0
uq
,
2
V
uq
3
512
0
uq
,
V
uq
3
512
0]
:
UQ[9
10
IN
IN
(4)
Where UD is d-axis voltage, UQ is q-axis
voltage, and VIN is the bus input voltage.
Duty Control Mode
Set DRV_MOD in register 00h to 1 for duty
control mode. In this mode, the duty of the
inverter’s three-phase output is determined via
registers 07h, 08h, and 09h, respectively.
As PWMx[8:0] (where x = A, B, or C) changes
from 0x100 to 0x1FF, the voltage duty changes
from 100% to 0%. Reset the ninth bit of
PWMx[8:0] (PWMx[8]) to shut down the output of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com