Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6546GL Datasheet HTML 1Page - Monolithic Power Systems MP6546GL Datasheet HTML 2Page - Monolithic Power Systems MP6546GL Datasheet HTML 3Page - Monolithic Power Systems MP6546GL Datasheet HTML 4Page - Monolithic Power Systems MP6546GL Datasheet HTML 5Page - Monolithic Power Systems MP6546GL Datasheet HTML 6Page - Monolithic Power Systems MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
5
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, EN = 3.3V, TJ = -40°C to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input under-voltage lockout (UVLO)
rising threshold
VUVLO
3.2
3.4
V
Input UVLO hysteresis
0.26
V
Operating supply current
IIN
3.8
mA
Standby current
ISTB
3.3V LDO shutdown
90
μA
Shutdown current
EN = low
0.8
μA
EN input high voltage
VEN
1.5
V
EN input low voltage
VEN
0.4
V
High-side (HS) switch on resistance
RHS_ON
IOUT = 1A
150
mΩ
Low-side (LS) switch on resistance
RLS_ON
IOUT = 1A
150
mΩ
Over-current protection (OCP)
IOCP
OCP_SEL = 0
3
A
Short-circuit protection (SCP)
ISCP
OCP_SEL = 0
4.5
A
OC retry time
tSCP
150
ms
Max oscillator frequency
fCLK
Full scale
-2%
15
+2%
MHz
PWM output frequency
fSW
25
kHz
3.3V LDO output
V3P3
IOUT = 100mA
-5%
3.3
+5%
V
nFT pull-down resistance
RnFT
IOUT = 5mA
9
Ω
Charge pump voltage
VCP
VIN +
3.3
V
AD resolution (5)
10
bit
AD full-scale reference
VAD
-0.8%
3.3
+0.8%
V
Thermal shutdown threshold (5)
160
°C
Thermal shutdown hysteresis (5)
40
°C
I2C Interface
Input low voltage
0.3 x
V3P3
Input high voltage
0.7 x
V3P3
V
Open-drain output low voltage
VOL_I2C
3mA load
0.4
V
To I2C max clock frequency
fSCL
1
MHz
SPI Interface
Input low voltage (MISO1)
0.3 x
V3P3
V
Input high voltage (MISO1)
0.7 x
V3P3
V
Push-pull output low voltage
(MOSI1, SCK1, CS1)
VOL_MISO
1mA load
0.4
V
Push-pull output high voltage
(MOSI1, SCK1, CS1)
VOL_MISO
-1mA load
V3P3 -
0.4
V
SPI clock frequency (5)
fSCK
2
MHz
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com