Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems MP6546GL Datasheet HTML 17Page - Monolithic Power Systems MP6546GL Datasheet HTML 18Page - Monolithic Power Systems MP6546GL Datasheet HTML 19Page - Monolithic Power Systems MP6546GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
16
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REGISTER DESCRIPTION
CONTROL1 (00h)
The CONTROL1 command configures some basic settings.
Bits
Name
Description
15
OCP_EN
0: Disable over-current protection
1: Enable over-current protection
14
SCP_EN
0: Disable short-circuit protection
1: Enable short-circuit protection
13
STDBY_EN
0: Disable standby mode
1: Enable standby mode
12:11
ADDR[1:0]
00: The slave address is set by the ADDR pin
01: The slave address is 0x07h
10: The slave address is 0x08h
11: The slave address is 0x09h
10
OCP_SEL
1: The over-current protection threshold is 2.25A
0: The over-current protection threshold is 3A
9
AMOD
0: Magnetic hall sensor with SPI interface
1: Linear Hall sensor with HA/HB interface
8
THETA_DIR
0: Theta direction is consistent to the sensor
1: Theta direction is opposite to the sensor
7
OVP_EN
0: Disable over-voltage protection
1: Enable over-voltage protection
6:5
FLT_N_SVM[1:0]
Sets the bandwidth frequency (fC) for SVPWM.
1: 600Hz
2: 300Hz
3: 150Hz
4: 75Hz
4
DRV_MOD
0: Vector control mode
1: Duty control mode
3
SPI_3
0: 4-wire SPI
1: 3-wire SPI (SSC)
2:0
FLT_N[2:0]
Sets the bandwidth frequency (fC) for ANGLE[14:0].
0: The filter does not work
1: 600Hz
2: 300Hz
3: 150Hz
4: 75Hz
5: 37Hz
6: 18Hz
7: 9Hz
ADC_BIAS (01h)
The ADC_BIAS command configures the voltage input bias in linear Hall mode.
Bits
Name
Description
15:8
VA_BIAS[7:0]
Set the Hall input A bias.
7:0
VB_BIAS[7:0]
Set the Hall input B bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com