Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6546GL Datasheet HTML 10Page - Monolithic Power Systems MP6546GL Datasheet HTML 11Page - Monolithic Power Systems MP6546GL Datasheet HTML 12Page - Monolithic Power Systems MP6546GL Datasheet HTML 13Page - Monolithic Power Systems MP6546GL Datasheet HTML 14Page - Monolithic Power Systems MP6546GL Datasheet HTML 15Page - Monolithic Power Systems MP6546GL Datasheet HTML 16Page - Monolithic Power Systems MP6546GL Datasheet HTML 17Page - Monolithic Power Systems MP6546GL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MP6546
– 22V, 3A PEAK, 3-PHASE BLDC DRIVER WITH 1MHZ I2C INTERFACE
MP6546 Rev. 1.0
MonolithicPower.com
14
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
disabled by default. Set OVP_EN in register 00h
to 1 to enable OVP.
Under-Voltage Lockout (UVLO)
When the voltage on the VIN pin (VIN) falls below
the under-voltage lockout (UVLO) threshold, all
circuitry in the device is disabled and the internal
logic is reset. Operation resumes when VIN
exceeds the UVLO threshold.
Fault Output Indication
The MP6546 provides an nFT output pin that is
driven active low in the event of a fault condition,
such as SCP, thermal shutdown, or OVP. This
pin is an open-drain output that must be pulled
up by an external resistor. If an error is detected,
the related register bit(s) is set to 1.
3.3V LDO Output
An internal LDO regulator generates a 3.3V
voltage with a 100mA capacity, which could be
used to power a small, low-power MCU.
A bypass capacitor between
4.7μF and 10μF
must be connected from the 3.3V pin to the
ground (see C4 in the Typical Application
Circuits section on page 21).
Charge Pump
A charge pump generates the gate drive for the
HS-FETs. The charge pump requires one
external capacitor placed between VIN and VCP.
A ceramic
capacitor of 1μF rated at least 10V is
recommended (see C3 in Typical Application
Circuits on page 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com