Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6546GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6546GL
Description  22V, 3A, Peak, 3-Phase BLDC Driver with 1MHz I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6546GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6546GL Datasheet HTML 1Page - Monolithic Power Systems MP6546GL Datasheet HTML 2Page - Monolithic Power Systems MP6546GL Datasheet HTML 3Page - Monolithic Power Systems MP6546GL Datasheet HTML 4Page - Monolithic Power Systems MP6546GL Datasheet HTML 5Page - Monolithic Power Systems MP6546GL Datasheet HTML 6Page - Monolithic Power Systems MP6546GL Datasheet HTML 7Page - Monolithic Power Systems MP6546GL Datasheet HTML 8Page - Monolithic Power Systems MP6546GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP6546
22V, 3A, Peak, 3-Phase BLDC Driver
with 1MHz I2C Interface
MP6546 Rev. 1.0
MonolithicPower.com
1
3/20/2023
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP6546 is a 3-phase brushless DC (BLDC)
motor driver for gimbal applications. It has three
half-bridge power stages, pre-drivers, field-
oriented
control
(FOC)
logic,
and
angle
calculations. The MP6546 supports linear Hall
angle inputs or an MPS magnetic angle sensor
input. The MP6546 supports multi-slave mode
and allows three-axis gimbals to be connected to
a
single
I2C
interface
to
reduce
the
microcontroller (MCU) load and system cost.
The MP6546 can deliver up to 3A of peak current.
It uses an internal charge pump to generate the
gate drive supply voltage for the high-side
MOSFETs (HS-FETs).
Internal
safety
features
include
thermal
shutdown, under-voltage lockout (UVLO), over-
current protection (OCP), short-circuit protection
(SCP), and over-voltage protection (OVP).
The
MP6546
is
available
in
a
QFN-20
(3mmx4mm) package with an exposed thermal
pad.
FEATURES
• 3.5V to 22V Operating Supply Voltage
• Three Half-Bridge Drivers
• Up to 1MHz Fast-Mode Plus for I2C
• Configurable Slave Addresses
• Supports Different Angle Sensor Inputs:
o
Linear Hall Sensor Input through HA/HB
o
Magnetic Angle Sensor through
SPI/SSC Interface
• Integrated 12-Bit Analog-to-Digital
Converter (ADC) for Hall Sensor
• D-Axis and Q-Axis Voltage Loop with Field-
Oriented Control (FOC)
• Standby Mode to Save Quiescent Current
• Under-Voltage Lockout (UVLO), Thermal
Shutdown (TSD), Over-Current Protection
(OCP), Short-Circuit Protection (SCP), and
Over-Voltage Protection (OVP)
• One-Time Programmable (OTP) Memory
• Available in a QFN-20 (3mmx4mm)
Package
APPLICATIONS
• Gimbals
• Three-Phase Brushless DC (BLDC) Motors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP6546GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6543 MPS-MP6543 Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543AGL MPS-MP6543AGL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543BGL MPS-MP6543BGL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543GL MPS-MP6543GL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
MP6543GL-P MPS-MP6543GL-P Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
More results

Similar Description - MP6546GL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Monolithic Power System...
MP6631 MPS-MP6631 Datasheet
1Mb / 27P
24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver
Rev. 1.1 2/21/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com