Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 24Page - Texas Instruments ADC3908DX Datasheet HTML 25Page - Texas Instruments ADC3908DX Datasheet HTML 26Page - Texas Instruments ADC3908DX Datasheet HTML 27Page - Texas Instruments ADC3908DX Datasheet HTML 28Page - Texas Instruments ADC3908DX Datasheet HTML 29Page - Texas Instruments ADC3908DX Datasheet HTML 30Page - Texas Instruments ADC3908DX Datasheet HTML 31Page - Texas Instruments ADC3908DX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
7.3.3 Digital Interface
The ADC3908Dx and ADC3908Sx family supports parallel CMOS output modes - DDR (double data rate) and
SDR (single data rate) output formats for dual and single channel devices, respectively. The output data can be
configured to 2's complement (default) or offset binary via pin control (Interface configuration table). The device
generates an output data clock and inverse data clock. For receivers that cannot use falling edge of data clock,
inverse data clock can be used to clock data.
7.3.3.1 Test Pattern
The ADC3908Dx and ADC3908Sx has a static test pattern that can be enabled via pin control (see Interface
Configuration Table). The test pattern splits each channel data into two groups, upper (D7:D4) and lower (D3:D0)
bits. Each group has a value of all zeros or a value of all 1s. Figure 7-7 shows how test pattern is implemented
for dual channel. Figure 7-8 shows how test pattern is implemented for single channel.
0
0
1
1
0
0
1
1
DCLK
Sample N
D07
Sample N-1
D03
D00
D04
0
0
1
1
0
0
1
1
DCLK
CHA
CHB
CHA
CHB
Figure 7-7. Dual Channel, Test Pattern
1
0
1
0
DCLK
Sample N
D00
Sample N-1
DCLK
D04
D03
D07
0
0
1
1
CHA
CHA
Figure 7-8. Single Channel, Test Pattern
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com