Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 16Page - Texas Instruments ADC3908DX Datasheet HTML 17Page - Texas Instruments ADC3908DX Datasheet HTML 18Page - Texas Instruments ADC3908DX Datasheet HTML 19Page - Texas Instruments ADC3908DX Datasheet HTML 20Page - Texas Instruments ADC3908DX Datasheet HTML 21Page - Texas Instruments ADC3908DX Datasheet HTML 22Page - Texas Instruments ADC3908DX Datasheet HTML 23Page - Texas Instruments ADC3908DX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
6.14 Typical Characteristics - 125MSPS (continued)
Typical values at TA = 25°C, ADC sampling rate = 125MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V,
internal 1.2V voltage reference, unless otherwise noted.
AIN = -7dBFS/tone, IMD3 = -87dBc
Figure 6-42. Two Tone FFT at FIN = 90/92MHz
Input Frequency (MHz)
5
15
25
35
45
55
65
75
85
95 105 115
49
60
49.2
64
49.4
68
49.6
72
49.8
76
50
80
50.2
84
50.4
88
50.6
92
50.8
96
51
100
SNR, int REF
SFDR, int REF
Non-HD23, int REF
Figure 6-43. AC Performance vs Input Frequency
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
49
0
50
10
51
20
52
30
53
40
54
50
55
60
56
70
57
80
58
90
59
100
60
110
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 6-44. AC Performance vs Input Amplitude
FIN = 10MHz
Figure 6-45. AC Performance vs Sampling Rate
Input Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
200
50
55
60
65
70
75
80
85
90
95
100
105
AIN = -1dBFS on aggressor channel
Figure 6-46. Crosstalk vs Input Frequency
AVDD (V)
1.7
1.75
1.8
1.85
1.9
48
60
48.5
65
49
70
49.5
75
50
80
50.5
85
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 6-47. AC Performance vs AVDD
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com