Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 28Page - Texas Instruments ADC3908DX Datasheet HTML 29Page - Texas Instruments ADC3908DX Datasheet HTML 30Page - Texas Instruments ADC3908DX Datasheet HTML 31Page - Texas Instruments ADC3908DX Datasheet HTML 32Page - Texas Instruments ADC3908DX Datasheet HTML 33Page - Texas Instruments ADC3908DX Datasheet HTML 34Page - Texas Instruments ADC3908DX Datasheet HTML 35Page - Texas Instruments ADC3908DX Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
When designing the amplifier/filter driving circuit, the ADC input full-scale voltage needs to be taken into
consideration. For example, the ADC3908D125 input full-scale is 1.9 VPP. When factoring in approximately
1dB for insertion loss of the filter, then the amplifier needs to deliver close to 2.1 VPP. The amplifier distortion
performance degrades with a larger output swing and considering the ADC common mode input voltage the
amplifier may not be able to deliver the full swing. The deviceADC3908D125 provides an output common mode
voltage of 1.25V and the THS4541 for example can only swing within 250mV of its negative supply. A unipolar
3.3V amplifier power supply limits the maximum voltage swing to approximately 2.8VPP. Hence, if a larger output
swing is required (factoring in filter insertion loss) then a negative supply for the amplifier is needed to eliminate
that limitation. Additionally, input voltage protection diodes may be needed to protect the ADC from over-voltage
events.
Table 8-2. Output voltage swing of THS4541 vs power supply
DEVICE
MIN OUTPUT VOLTAGE
MAX SWING WITH 3.3V/ 0V SUPPLY
THS4541
VS- + 250mV
2.8VPP
8.1.2 Detailed Design Procedure
8.1.2.1 Input Signal Path
The THS4541 provides a good low power option to drive the ADC inputs. Table 8-3 provides an overview of the
THS4541 with power consumption and usable frequency.
Table 8-3. Fully Differential Amplifier Options
DEVICE
CURRENT (IQ) PER CHANNEL
USABLE FREQUENCY RANGE
THS4541
10mA
< 70MHz
The low pass filter design (topology, filter order) is driven by the application. However, when designing the low
pass filter, the optimum load impedance for the amplifier must also be taken into consideration.
8.1.2.2 Sampling Clock
Applications operating with low input frequencies (such as DC to 20MHz) typically are less sensitive to
performance degradation due to clock jitter. The internal ADC aperture jitter improves with faster rise and fall
times (that is, square wave vs sine wave).
Termination of the clock input needs to be considered for long clock traces.
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com