Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 4 Page - Texas Instruments

  ADC3908DX Datasheet HTML 1Page - Texas Instruments ADC3908DX Datasheet HTML 2Page - Texas Instruments ADC3908DX Datasheet HTML 3Page - Texas Instruments ADC3908DX Datasheet HTML 4Page - Texas Instruments ADC3908DX Datasheet HTML 5Page - Texas Instruments ADC3908DX Datasheet HTML 6Page - Texas Instruments ADC3908DX Datasheet HTML 7Page - Texas Instruments ADC3908DX Datasheet HTML 8Page - Texas Instruments ADC3908DX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
D0
32
O
Parallel CMOS digital lane output data.
D1
31
O
D2
26
O
D3
25
O
D4
24
O
D5
23
O
D6
22
O
D7
21
O
DCLK
30
O
CMOS output for data bit clock.
DCLK
29
O
Inverse data bit clock for CMOS output data.
PDN
6
I
Default, pin has 60 kΩ pull-down. When PDN is pulled high device is put in a powerdown
state.
POWER SUPPLY
AVDD
12, 13
I
Analog 1.8 V power supply
GND
PowerPAD™
I
Analog Ground, 0 V
IOVDD
27
I
1.8 V power supply for digital interface
DGND
5, 28
I
Ground, 0 V for digital interface
OTHER
NC
1, 2, 3, 4, 5,
17, 20
-
No connection. Connect to ground.
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com