Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 6Page - Texas Instruments ADC3908DX Datasheet HTML 7Page - Texas Instruments ADC3908DX Datasheet HTML 8Page - Texas Instruments ADC3908DX Datasheet HTML 9Page - Texas Instruments ADC3908DX Datasheet HTML 10Page - Texas Instruments ADC3908DX Datasheet HTML 11Page - Texas Instruments ADC3908DX Datasheet HTML 12Page - Texas Instruments ADC3908DX Datasheet HTML 13Page - Texas Instruments ADC3908DX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
6.9 Electrical Characteristics - AC Specifications (125 MSPS)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, AVDD = IOVDD = 1.8 V, FSCLK = 125 MSPS, FIN = 5MHz, AIN = -1dBFS, Internal
1.2 V reference , and 50% clock duty cycle, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise Spectral Density
fIN = 10 MHz, AIN = -20 dBFS
-127.8
dBFS/Hz
SNR
Signal to noise ratio, excluding DC, HD2 to
HD5
fIN = 1.1 MHz
49.8
dBFS
fIN = 5 MHz
48
49.8
fIN = 10 MHz
49.8
fIN = 20 MHz
49.8
fIN = 40 MHz
49.8
fIN = 70 MHz
49.8
SINAD
Signal to noise and distortion ratio, excluding
DC offset
fIN = 1.1 MHz
49.6
dBFS
fIN = 5 MHz
49.5
fIN = 10 MHz
49.5
fIN = 20 MHz
49.6
fIN = 40 MHz
49.7
fIN = 70 MHz
49.4
ENOB
Effective number of bits, excluding DC offset
fIN = 1.1 MHz
8.0
Bit
fIN = 5 MHz
8.0
fIN = 10 MHz
8.0
fIN = 20 MHz
8.0
fIN = 40 MHz
8.0
fIN = 70 MHz
8.0
THD
Total Harmonic Distortion (First five
harmonics)
fIN = 1.1 MHz
-61
dBc
fIN = 5 MHz
-59
fIN = 10 MHz
-60
fIN = 20 MHz
-61
fIN = 40 MHz
-64
fIN = 70 MHz
-59
SFDR
Spur free dynamic range including second
and third harmonic
fIN = 1.1 MHz
62
dBFS
fIN = 5 MHz
56
60
fIN = 10 MHz
61
fIN = 20 MHz
63
fIN = 40 MHz
65
fIN = 70 MHz
60
SPUR
Spur free dynamic range (excluding DC,
HD2, HD3)
fIN = 1.1 MHz
68
dBFS
fIN = 5 MHz
61
68
fIN = 10 MHz
68
fIN = 20 MHz
68
fIN = 40 MHz
68
fIN = 70 MHz
68
IMD3
Two tone inter-modulation distortion
fIN = 8/10 MHz, AIN = -7 dBFS/tone
-86
dBc
XTALK
Channel-to-channel crosstalk
Aggressor = 1.1 MHz
102
dBFS
Aggressor = 10 MHz
90
Aggressor = 20 MHz
98
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com