Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 3 Page - Texas Instruments

  ADC3908DX Datasheet HTML 1Page - Texas Instruments ADC3908DX Datasheet HTML 2Page - Texas Instruments ADC3908DX Datasheet HTML 3Page - Texas Instruments ADC3908DX Datasheet HTML 4Page - Texas Instruments ADC3908DX Datasheet HTML 5Page - Texas Instruments ADC3908DX Datasheet HTML 6Page - Texas Instruments ADC3908DX Datasheet HTML 7Page - Texas Instruments ADC3908DX Datasheet HTML 8Page - Texas Instruments ADC3908DX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
NC
NC
NC
NC
NC
PDN
VCM
CLK
D4
D5
D6
D7
NC
M2
M1
NC
Thermal Pad
A.
AGND is soldered to the thermal pad
Figure 5-1. RSM (VQFN) Package, 32-Pin (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
INPUT or REFERENCE
INAP
10
I
Positive analog input, channel A
INAM
11
I
Negative analog input, channel A
INBP/NC
14
I
Positive analog input, channel B (NC on single channel device)
INBM/NC
15
I
Negative analog input, channel B (NC on single channel device)
VCM
7
O
Common-mode voltage output for the analog inputs, 1.25 V
CLOCK
CLK
8
I
Sampling clock input for the ADC
CONFIGURATION
RESET
9
I
Hardware reset. Active high. This pin has an internal 60 kΩ pull-down resistor.
M0
16
I
Default, internal 40 kΩ pull-down resistor.
Tie to GND for dual channel devices or AVDD for single channel devices.
This pin is used to configure default operating conditions. Interface configuration table
M1
18
I
Default, internal 40 kΩ pull-down resistor.
This pin is used to configure default operating conditions. Interface configuration table
M2
19
I
Default, internal 40 kΩ pull-down resistor.
This pin is used to configure default operating conditions. Interface configuration table
DIGITAL INTERFACE
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com