Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 13Page - Texas Instruments ADC3908DX Datasheet HTML 14Page - Texas Instruments ADC3908DX Datasheet HTML 15Page - Texas Instruments ADC3908DX Datasheet HTML 16Page - Texas Instruments ADC3908DX Datasheet HTML 17Page - Texas Instruments ADC3908DX Datasheet HTML 18Page - Texas Instruments ADC3908DX Datasheet HTML 19Page - Texas Instruments ADC3908DX Datasheet HTML 20Page - Texas Instruments ADC3908DX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
6.13 Typical Characteristics - 65MSPS (continued)
Typical values at TA = 25°C, ADC sampling rate = 65 MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V, internal
1.2V voltage reference, unless otherwise noted.
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
49
0
50
10
51
20
52
30
53
40
54
50
55
60
56
70
57
80
58
90
59
100
60
110
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 6-25. AC Performance vs Input Amplitude
Sample Rate (MSPS)
5
10
15
20
25
30
35
40
45
50
55
60
65
49
60
49.2
64
49.4
68
49.6
72
49.8
76
50
80
50.2
84
50.4
88
50.6
92
50.8
96
51
100
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 6-26. AC Performance vs Sampling Rate
Input Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
65
70
75
80
85
90
95
100
105
110
115
AIN = -1dBFS on aggressor channel
Figure 6-27. Crosstalk vs Input Frequency
AVDD (V)
1.7
1.75
1.8
1.85
1.9
48
60
48.5
65
49
70
49.5
75
50
80
50.5
85
SNR
SFDR
Non HD23
FIN = 5MHz
Figure 6-28. AC Performance vs AVDD
VCM Offset (mV)
-50
-25
0
25
50
49
50
49.5
55
50
60
50.5
65
51
70
SNR, -40°C
SNR, 25°C
SNR, 105°C
SFDR, -40°C
SFDR, 25°C
SFDR, 105°C
FIN = 5MHz
Figure 6-29. AC Performance vs VCM vs Temperature
Code
0
64
128
192
256
-0.4
-0.2
0
0.2
0.4
FIN = 5MHz
Figure 6-30. INL vs ADC Code
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com