Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 7Page - Texas Instruments ADC3908DX Datasheet HTML 8Page - Texas Instruments ADC3908DX Datasheet HTML 9Page - Texas Instruments ADC3908DX Datasheet HTML 10Page - Texas Instruments ADC3908DX Datasheet HTML 11Page - Texas Instruments ADC3908DX Datasheet HTML 12Page - Texas Instruments ADC3908DX Datasheet HTML 13Page - Texas Instruments ADC3908DX Datasheet HTML 14Page - Texas Instruments ADC3908DX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
6.10 Timing Requirements
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V,
Internal 1.2 V reference, 5 pF output load, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ADC TIMING SPECIFICATIONS
tAD
Aperture Delay
0.5
ns
tA
Aperture Jitter
square wave clock with fast edges
250
fs
tACQ
Signal acquisition period, referenced to
sampling clock falling edge
-TS/5
Sampling
Clock
Period
tCONV
Signal conversion period, referenced to
sampling clock falling edge
Fs = 25 MSPS
5.5
ns
Fs = 65 MSPS
5.5
ns
Fs = 125 MSPS
5.5
ns
Wake up
time
Time to valid data after coming out of power
down. Internal reference.
30
us
ADC
Latency
Signal input to data output
DDR
1
ADC
clock
cycles
SDR
1
INTERFACE TIMING - DDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
TS/4 +
3
ns
tDE
DCLK edge to previous data transition
Fs = 25 MSPS
-10
-9
ns
Fs = 65 MSPS
-3.8
-3.4
Fs = 125 MSPS
-2
-1.8
tDL
DCLK edge to next data transition
Fs = 25 MSPS
9
10
Fs = 65 MSPS
3.4
3.8
Fs = 125 MSPS
1.8
2
INTERFACE TIMING - SDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
TS/4 +
3
ns
tDE
DCLK edge to previous data transition
Fs = 25 MSPS
-20
-18
ns
Fs = 65 MSPS
-7.6
-6.9
Fs = 125 MSPS
-4
-3.6
tDV
DCLK edge to next data transition
Fs = 25 MSPS
18
20
Fs = 65 MSPS
6.9
7.7
Fs = 125 MSPS
3.6
4
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com