Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 19Page - Texas Instruments ADC3908DX Datasheet HTML 20Page - Texas Instruments ADC3908DX Datasheet HTML 21Page - Texas Instruments ADC3908DX Datasheet HTML 22Page - Texas Instruments ADC3908DX Datasheet HTML 23Page - Texas Instruments ADC3908DX Datasheet HTML 24Page - Texas Instruments ADC3908DX Datasheet HTML 25Page - Texas Instruments ADC3908DX Datasheet HTML 26Page - Texas Instruments ADC3908DX Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
7 Detailed Description
7.1 Overview
The ADC3908Dx and ADC3908Sx is a low noise, ultra-low power 8-bit high-speed single and dual channel
ADC family supporting sampling rates up to 125MSPS. With the inherent low latency architecture, the digital
output result is available after only one clock cycle. The ADC has buffered analog inputs which eases design
by isolating the input from the ADC sampling operation. The ADC3908Dx and ADC3908Sx is equipped with an
on-chip internal reference buffer and supports either single ended or differential input signaling.
The CMOS output data interface is configured as parallel DDR for dual channel devices and SDR for single
channel devices with the option of 1.8V or 3.3V logic. The device supports 2's Complement or Offset Binary
format options. The ADC3908Dx and ADC3908Sx offers DCLK as an alternate data clock for receivers that can
not capture on the DCLK falling edge when using DDR interface. Table 7-1 shows the pin mapping to supply.
Table 7-1. Device Pin to Supply Mapping
Power Supply
Device Pins
AVDD
CLK, INxP|M, RESET, M0, M1, M2, PDN
IOVDD
D0-D7, DCLK, DCLK
7.2 Functional Block Diagram
REF
ADC
ADC
Parallel
Interface
Control
Interface
RESET
AVDD
IOVDD
CLK
GND
M2
M1
M0
INAP
INAM
INBP
INBM
VCM
DCLK
DCLK
#8 DOUT
PDN
Figure 7-1. Dual Channel Device
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com