Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 12Page - Texas Instruments ADC3908DX Datasheet HTML 13Page - Texas Instruments ADC3908DX Datasheet HTML 14Page - Texas Instruments ADC3908DX Datasheet HTML 15Page - Texas Instruments ADC3908DX Datasheet HTML 16Page - Texas Instruments ADC3908DX Datasheet HTML 17Page - Texas Instruments ADC3908DX Datasheet HTML 18Page - Texas Instruments ADC3908DX Datasheet HTML 19Page - Texas Instruments ADC3908DX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
6.13 Typical Characteristics - 65MSPS
Typical values at TA = 25°C, ADC sampling rate = 65 MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V, internal
1.2V voltage reference, unless otherwise noted.
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.7dBFS, SFDR = 61dBc, Non-HD23 = 70dBFS
Figure 6-19. Single Tone FFT at FIN = 1MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.6dBFS, SFDR = 63dBc, Non-HD23 = 72dBFS
Figure 6-20. Single Tone FFT at FIN = 1MHz, Single-ended input
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.8dBFS, SFDR = 64dBc, Non-HD23 = 70dBFS
Figure 6-21. Single Tone FFT at FIN = 10MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.9dBFS, SFDR = 64dBc, Non-HD23 = 69dBFS
Figure 6-22. Single Tone FFT at FIN = 40MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
AIN = -7dBFS/tone, IMD3 = -93dBc
Figure 6-23. Two Tone FFT at FIN = 8/10MHz
Input Frequency (MHz)
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
49
60
49.2
64
49.4
68
49.6
72
49.8
76
50
80
50.2
84
50.4
88
50.6
92
50.8
96
51
100
SNR
SFDR
Non-HD23
Figure 6-24. AC Performance vs Input Frequency
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com