Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 31 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 27Page - Texas Instruments ADC3908DX Datasheet HTML 28Page - Texas Instruments ADC3908DX Datasheet HTML 29Page - Texas Instruments ADC3908DX Datasheet HTML 30Page - Texas Instruments ADC3908DX Datasheet HTML 31Page - Texas Instruments ADC3908DX Datasheet HTML 32Page - Texas Instruments ADC3908DX Datasheet HTML 33Page - Texas Instruments ADC3908DX Datasheet HTML 34Page - Texas Instruments ADC3908DX Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
8 Application Information Disclaimer
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Typical Application
A digitizer is a typical time domain application for the ADC3908D125. The front end circuitry is similar to several
other systems such as oscilloscopes, distance meters, laser scanners or other hand held test equipment.
Control
AIN
ADC
ADC
1.25V
VCM
D0
DCLK
D7
Dig I/F
FPGA
1.2V REF
1 k
AVDD
Device Clock
AMP
CVCM
Low Pass Filter
AMP
BIN
CLK
1 k
50
Low Pass Filter
Figure 8-1. Typical configuration for a time domain digitizer
8.1.1 Design Requirements
Time domain applications cover a wide range of frequencies from low input frequencies at or near DC in the 1st
Nyquist zone. If a low input frequency is supported, then the input has to be DC coupled and the ADC driven by
a fully differential amplifier (FDA).
The ADC performance is highly dependent on the quality of the external clock source. A higher ADC sampling
rate is desirable to relax the external anti-aliasing filter. For optimum performance, the analog inputs must be
driven differentially.
Table 8-1. Design key care abouts
FEATURE
DESCRIPTION
Signal Bandwidth
DC to 30MHz
Input Driver
Single ended to differential signal conversion and DC coupling
Clock Source
External clock with low jitter
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com