Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908DX Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC3908DX
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3908DX Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC3908DX Datasheet HTML 21Page - Texas Instruments ADC3908DX Datasheet HTML 22Page - Texas Instruments ADC3908DX Datasheet HTML 23Page - Texas Instruments ADC3908DX Datasheet HTML 24Page - Texas Instruments ADC3908DX Datasheet HTML 25Page - Texas Instruments ADC3908DX Datasheet HTML 26Page - Texas Instruments ADC3908DX Datasheet HTML 27Page - Texas Instruments ADC3908DX Datasheet HTML 28Page - Texas Instruments ADC3908DX Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
7.3 Feature Description
7.3.1 Analog Input
The analog inputs of ADC3908Dx and ADC3908Sx supports differential and single-ended configuration, with
support for AC coupling and DC coupling. Analog inputs are designed for an input common mode voltage of
1.25V which must be provided externally on each input pin. DC-coupled input signals must have a common
mode voltage that meets the device input common mode voltage range.
The ADC3908Dx and ADC3908Sx has buffered analog inputs which eases design by isolating the input from the
ADC sampling operation.
7.3.1.1 Single Ended Input
The ADC3908Dx and ADC3908Sx can be configured to operate in single ended mode using just the positive
signal input. This operating mode must be enabled via pin control (Interface configuration table). The single
ended signal is connected to the positive input of the ADC and negative input must be biased to VCM as shown
in Figure 7-3.
V
CM
INxP
INxM
0.475V
-0.475V
0V
0.475V
-0.475V
V
CM
R
V
CM
INxP
INxM
V
CM
Figure 7-3. Single ended analog input: AC coupled (left) and DC coupled (right)
7.3.1.2 Differential Input
The ADC3908Dx and ADC3908Sx supports differential mode with a swing of 1.9VPP as shown in Figure 7-4.
This operating mode must be enabled via pin control (Interface configuration table).
+
–
V
CM
+
–
INxP
INxM
V
CM
INxP
INxM
V
CM
R
R
Figure 7-4. Differential analog input: AC coupled (left) and DC coupled (right)
7.3.1.3 Analog Input Bandwidth
Figure 7-5 shows the analog full power input bandwidth. The -3dB bandwidth is approximately 150MHz.
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com