Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 2 Page - RICOH electronics devices division

  R2023K Datasheet HTML 1Page - RICOH electronics devices division R2023K Datasheet HTML 2Page - RICOH electronics devices division R2023K Datasheet HTML 3Page - RICOH electronics devices division R2023K Datasheet HTML 4Page - RICOH electronics devices division R2023K Datasheet HTML 5Page - RICOH electronics devices division R2023K Datasheet HTML 6Page - RICOH electronics devices division R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
R2023K/T
2
PIN CONFIGURATION
SCL
SDA
INTRA
VSS
VDD
OSCIN
CLKC
1
2
3
4
5
6
7
9
TOP VIEW
R2023T(TSSOP10G)
32KOUT
10
8
INTRB
OSCOUT
VDD
(VSS)
VSS
10
11
12
4
TOP VIEW
R2023K(FFP12)
(VSS)
INTRB
INTRA
5
6
BLOCK DIAGRAM
32kHz
OUTPUT
CONTROL
OSC
COMPARATOR_D
ALARM_D REGISTER
(MIN,HOUR)
ADDRESS
DECODER
ADDRESS
REGISTER
VOLTAGE
DETECT
DIV
TIME COUNTER
(SEC,MIN,HOUR,WEEK,DAY,MONTH,YEAR)
SHIFT REGISTER
I/O
CONTROL
INTERRUPT CONTROL
SCL
DIVIDER
CORREC
-TION
VDD
VSS
COMPARATOR_W
ALARM_W REGISTER
(MIN,HOUR, WEEK)
OSC
DETECT
SDA
INTRB
OSCIN
OSCOUT
POWER_ON
RESET
32KOUT
CLKC
INTRA
SELECTION GUIDE
Part Number is designated as follows:
R2023K-E2
←Part Number
↑ ↑
R2023a-bb
Code
Description
a
Designation of the package.
K: FFP12
T: TSSOP10G (Preliminary)
bb
Designation of the taping type. Only E2 is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com