Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 5 Page - RICOH electronics devices division

  R2023K Datasheet HTML 1Page - RICOH electronics devices division R2023K Datasheet HTML 2Page - RICOH electronics devices division R2023K Datasheet HTML 3Page - RICOH electronics devices division R2023K Datasheet HTML 4Page - RICOH electronics devices division R2023K Datasheet HTML 5Page - RICOH electronics devices division R2023K Datasheet HTML 6Page - RICOH electronics devices division R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
R2023K/T
5
DC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified:
VSS=0V, VDD=3.0V, Topt=-40 to +85
°C, Crystal oscillator 32768Hz,CL=7pF,R1=50kΩ)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
0.8x
VDD
5.5
VIL
“L” Input Voltage
SCL, SDA,
CLKC
VDD=1.7 to 5.5V
-0.3
0.2x
VDD
V
IOH
“H” Output
Current
32KOUT
VOH=VDD-0.5V
-0.5
mA
IOL1
32KOUT
0.5
IOL2
INTRA
INTRB
2.0
mA
IOL3
“L” Output
Current
SDA
VOL=0.4V
3.0
IIL
Input Leakage
Current
SCL
VI=5.5V or VSS
VDD=5.5V
-1.0
1.0
µA
ICLKC
Pull-down Resister
Input Leakage Current
CLKC
VI=5.5V
0.30
1.00
µA
IOZ
Output Off-state
Current
SDA,
INTRA ,
INTRB
VO=5.5V or VSS
VDD=5.5V
-1
1
µA
IDD
Time Keeping Current
VDD
VDD=3V,
SCL=SDA=CLKC=0V
32KOUT=OFF
OUTPUT=OPEN
CGout=CDout=0pF
*1)
0.45
1.00
µA
VDETH
Supply Voltage
Monitoring Voltage
“H”
VDD
Topt=-30 to +70
°C
1.45
1.60
1.75
V
VDETL
Supply Voltage
Monitoring Voltage “L”
VDD
Topt=-30 to +70
°C
1.15
1.30
1.45
V
*1) For time keeping current when outputting 32.768kHz from the 32KOUT pin, see “P.45 TYPICAL
CHARACTERISTICS”.
For time keeping current when CGOUT, CDOUT is not equal to 0pF, see “P.30
•Adjustment of oscillation frequency”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com