Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 3 Page - RICOH electronics devices division

  R2023K Datasheet HTML 1Page - RICOH electronics devices division R2023K Datasheet HTML 2Page - RICOH electronics devices division R2023K Datasheet HTML 3Page - RICOH electronics devices division R2023K Datasheet HTML 4Page - RICOH electronics devices division R2023K Datasheet HTML 5Page - RICOH electronics devices division R2023K Datasheet HTML 6Page - RICOH electronics devices division R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
R2023K/T
3
PIN DESCRIPTION
Symbol
Item
Description
SCL
Serial Clock
Line
The SCL pin is used to input clock pulses synchronizing the input and
output of data to and from the SDA pin.
Allows a maximum input voltage of
5.5v regardless of supply voltage.
SDA
Serial Data Line
The SDA pin is used to input and output data intended for writing and
reading in synchronization with the SCL pin.
Allows a maximum input
voltage of 5.5v regardless of supply voltage.
Nch. open drain output.
INTRA
Interrupt
Output A
The INTRA pin is used to output alarm interrupt (Alarm_D) and periodic
interrupt signals to the CPU.
Disabled at power-on from 0V. N-channel
open drain output.
Allows a maximum pull-up voltage of 5.5v regardless of
supply voltage.
INTRB
Interrupt
Output B
The INTRB pin is used to output alarm interrupt (Alarm_W) to the CPU.
Disabled at power-on from 0V. N-channel open drain output.
Allows a
maximum pull-up voltage of 5.5v regardless of supply voltage.
32KOUT
32kHz Clock
Output
The 32KOUT pin is used to output 32.768-kHz clock pulses.
The pin is
CMOS push-pull output.
The output is disabled and held “L” when CLKC
pin is set to “L” or open, or certain register setting.
This pin is enabled at
power-on from 0v.
CLKC
Clock Control
The CLKC pin is used to control output of the 32KOUT pin.
The clock
output is disabled and held “L” when this pin is set to “L” or open.
Incorporated pull down register.
OSCIN
OSCOUT
Oscillation
Circuit
Input / Output
The OSCIN and OSCOUT pins are used to connect the 32.768-kHz crystal
oscillator (with all other oscillation circuit components built into the
R2023K/T).
VDD
VSS
Positive/Negative
Power
Supply Input
The VDD pin is connected to the power supply.
The VSS pin is grounded.
(VSS)
Please connect to ground line, or do not connect any lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com