Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 39 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 39 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division R2023K Datasheet HTML 39Page - RICOH electronics devices division R2023K Datasheet HTML 40Page - RICOH electronics devices division R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
R2023K/T
39
Alarm and Periodic Interrupt
The R2023K/T incorporates the alarm interrupt circuit and the periodic interrupt circuit that are configured to
generate alarm signals and periodic interrupt signals for output from the INTRA or INTRB pin as described
below.
(1) Alarm Interrupt Circuit
The alarm interrupt circuit is configured to generate alarm signals for output from the INTRA or INTRB , which
is driven low (enabled) upon the occurrence of a match between current time read by the time counters (the
day-of-week, hour, and minute counters) and alarm time preset by the alarm registers (the Alarm_W registers
intended for the day-of-week, hour, and minute digit settings and the Alarm_D registers intended for the hour and
minute digit settings).
The Alarm_W is output from the INTRB pin, the Alarm_D is output from INTRA pin.
(2) Periodic Interrupt Circuit
The periodic interrupt circuit is configured to generate either clock pulses in the pulse mode or interrupt signals in
the level mode for output from the INTRA pin depending on the CT2, CT1, and CT0 bit settings in the control
register 1.
The above two types of interrupt signals are monitored by the flag bits (i.e. the WAFG, DAFG, and CTFG bits in the
Control Register 2) and enabled or disabled by the enable bits (i.e. the WALE, DALE, CT2, CT1, and CT0 bits in
the Control Register 1) as listed in the table below.
Flag bits
Enable bits
Output Pin
Alarm_W
WAFG
(D1 at Address
Fh)
WALE
(D7 at Address Eh)
INTRB
Alarm_D
DAFG
(D0 at Address
Fh)
DALE
(D6 at Address Eh)
INTRA
Peridic
interrupt
CTFG
(D2 at Address
Fh)
CT2=CT1=CT0=0
(These bit setting of “0” disable the Periodic
nterrupt)
(D2 to D0 at Address Eh)
INTRA
*
At power-on, when the WALE, DALE, CT2, CT1, and CT0 bits are set to 0 in the Control Register 1,
the INTRA or INTRB pin is driven high (disabled).
*
When two types of interrupt signals are output simultaneously from the INTRA pin, the output from the
INTRA pin becomes an OR waveform of their negative logic.
Example: Combined Output to INTRA Pin Under Control of
ALARM_D and Periodic Interrupt
Periodic Interrupt
INTRA
Alarm_D
In this event, which type of interrupt signal is output from the INTRA pin can be confirmed by reading the
DAFG, and CTFG bit settings in the Control Register 2.
• Alarm Interrupt
The alarm interrupt circuit is controlled by the enable bits (i.e. the WALE and DALE bits in the Control Register 1)
and the flag bits (i.e. the WAFG and DAFG bits in the Control Register 2).
The enable bits can be used to enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com