Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 4 Page - RICOH electronics devices division

  R2023K Datasheet HTML 1Page - RICOH electronics devices division R2023K Datasheet HTML 2Page - RICOH electronics devices division R2023K Datasheet HTML 3Page - RICOH electronics devices division R2023K Datasheet HTML 4Page - RICOH electronics devices division R2023K Datasheet HTML 5Page - RICOH electronics devices division R2023K Datasheet HTML 6Page - RICOH electronics devices division R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
R2023K/T
4
ABSOLUTE MAXIMUM RATINGS
(VSS=0V)
Symbol
Item
Pin Name
Description
Unit
VDD
Supply Voltage
VDD
-0.3 to +6.5
V
VI
Input Voltage 1
SCL, SDA, CLKC
-0.3 to +6.5
V
Output Voltage 1
SDA, INTRA , INTRB
-0.3 to +6.5
VO
Output Voltage 2
32KOUT
-0.3 to VDD + 0.3
V
PD
Power Dissipation
Topt = 25
°C
300
mW
Topt
Operating Temperature
-40 to +85
°C
Tstg
Storage Temperature
-55 to +125
°C
RECOMMENDED OPERATING CONDITIONS
(VSS=0V, Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Min,
Typ.
Max.
Unit
Vaccess
Supply Voltage
Power supply voltage
for interfacing
with CPU
1.7
*1)
5.5
V
VCLK
Time keeping Voltage
CGout,CDout=0pF
*1), *2)
1.00
5.50
VCLKL
Minimum Time keeping
Voltage
CGout,CDout=0pF
*1), *2)
0.66
1.00
V
fXT
Oscillation Frequency
32.768
kHz
VPUP
Pull-up Voltage
INTRA , INTRB ,
SCL, SDA
5.5
V
*1) CGout is connected between OSCIN and VSS, CDout is connected between OSCOUT and VSS.
R2023K/T incorporates the capacitors between OSCIN and VSS, between OSCOUT and VSS.
Then normally, CGout and CDout are not necessary.
For more detail, see “P.30
•Adjustment of oscillation
frequency”
*2) Crystal oscillator: CL=6-9pF, R1=50K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com