Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 29 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 29 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 25Page - RICOH electronics devices division R2023K Datasheet HTML 26Page - RICOH electronics devices division R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
R2023K/T
29
Configuration of Oscillation Circuit and Correction of Time Count
Deviations
• Configuration of Oscillation Circuit
32kHz
CG
CD
A
OSCIN
OSCOUT
Oscillator
Circuit
The oscillation circuit is driven at a constant voltage of approximately 1.2 volts relative to the level of the VSS pin
input.
As such, it is configured to generate an oscillating waveform with a peak-to-peak voltage on the order of
1.1 volts on the positive side of the VSS pin input.
< Considerations in Handling quartz crystal unit >
Generally, quartz crystal units have basic characteristics including an equivalent series resistance (R1) indicating
the ease of their oscillation and a load capacitance (CL) indicating the degree of their center frequency.
Particularly, quartz crystal units intended for use in the R2023K/T are recommended to have a typical R1 value of
50k
Ω and a typical CL value of 6 to 9pF. To confirm these recommended values, contact the manufacturers of
quartz crystal units intended for use in these particular models.
< Considerations in Installing Components around the Oscillation Circuit >
1) Install the quartz crystal unit in the closest possible vicinity to the real-time clock ICs.
2) Avoid laying any signal lines or power lines in the vicinity of the oscillation circuit (particularly in the area
marked "A" in the above figure).
3) Apply the highest possible insulation resistance between the OSCIN and OSCOUT pins and the printed
circuit board.
4) Avoid using any long parallel lines to wire the OSCIN and OSCOUT pins.
5) Take extreme care not to cause condensation, which leads to various problems such as oscillation halt.
< Other Relevant Considerations >
1) We cannot recommend connecting the external input of 32.768-kHz clock pulses to the OSCIN pin.
2) To maintain stable characteristics of the quartz crystal unit, avoid driving any other IC through 32.768-kHz clock
pulses output from the OSCOUT pin.
Typical externally-equipped element
X’tal : 32.768kHz
(R1=50k
Ω typ)
(CL=6pF to 9pF)
Standard values of internal elements
CG,CD 10pF
typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com