Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 45 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 45 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 41Page - RICOH electronics devices division R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division R2023K Datasheet HTML 46Page - RICOH electronics devices division R2023K Datasheet HTML 47Page - RICOH electronics devices division R2023K Datasheet HTML 48Page - RICOH electronics devices division R2023K Datasheet HTML 49Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
R2023K/T
45
Typical Characteristics
<Under Constructing>
Test circuit
Frequency
Counter
VDD
OSCIN
OSCOUT
32KOUT
VSS
32768Hz
CDOUT
CGOUT
Timekeeping Current vs. Supply Voltage
Timekeeping Current vs. Supply Voltage
(with no 32kHz clock output)
(with 32kHz clock output)
(Output=Open, Topt=25
°C)
(Output=Open, Topt=25
°C)
0
0.2
0.4
0.6
0.8
1
0123
456
Supply Vlotage VDD(v)
0
0.5
1
1.5
2
2.5
0123
456
Supply Voltage VDD(v)
CPU Access Current vs. SCL Clock Frequency
Timekeeping Current vs. Operating Temperature
(CLKC=VSS, Output pins=Open, Topt=25
°C,
(VDD=3v, Output pins=Open, CGout=CDout=0pF)
CGout=CDout=0pF)
0
10
20
30
40
0
100
200
300
400
500
SCL Clock Frequency (kHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
Operating Temperature Topt(Celcius)
VDD=5v
VDD=3v
X’tal : 32.768kHz
(R1=50k
Ω typ)
(CL=6pF to 9pF)
Topt : 25
°C
Output pins : Open
(CGout, CDout)=(5pF, 5pF)
(CGout, CDout)=(0pF, 0pF)
(CGout, CDout)=(5pF, 5pF)
with 32kHz clock output
with no 32kHz clock output
(CGout, CDout)=(0pF, 0pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com