Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 34 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 34 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division R2023K Datasheet HTML 36Page - RICOH electronics devices division R2023K Datasheet HTML 37Page - RICOH electronics devices division R2023K Datasheet HTML 38Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
R2023K/T
34
Oscillation adjustment value calculations are exemplified below
(A) For an oscillation frequency = 32768.85Hz and a target frequency = 32768.05Hz
When setting DEV bit to 0:
Oscillation adjustment value = (32768.85 - 32768.05 + 0.1) / (32768.85
× 3.051 × 10-6)
≈ (32768.85 - 32768.05) × 10 + 1
= 9.001
≈ 9
In this instance, write the settings (DEV,F6,F5,F4,F3,F2,F1,F0)=(0,0,0,0,1,0,0,1) in the oscillation adjustment
register.
Thus, an appropriate oscillation adjustment value in the presence of any time count gain represents a
distance from 01h.
When setting DEV bit to 1:
Oscillation adjustment value = (32768.85 - 32768.05 + 0.0333) / (32768.85
× 1.017 × 10-6)
≈ (32768.85 - 32768.05) × 30 + 1
= 25.00
≈ 25
In this instance, write the settings (DEV,F6,F5,F4,F3,F2,F1,F0)=(1,0,0,1,1,0,0,1) in the oscillation adjustment
register.
(B) For an oscillation frequency = 32762.22Hz and a target frequency = 32768.05Hz
When setting DEV bit to 0:
Oscillation adjustment value = (32762.22 - 32768.05) / (32762.22
× 3.051 × 10-6)
≈ (32762.22 - 32768.05) × 10
= -58.325
≈ -58
To represent an oscillation adjustment value of - 58 in 7-bit coded decimal notation, subtract 58 (3Ah) from 128
(80h) to obtain 46h.
In this instance, write the settings of (DEV,F6,F5,F4,F3,F2,F1,F0) = (0,1,0,0,0,1,1,0) in the
oscillation adjustment register.
Thus, an appropriate oscillation adjustment value in the presence of any time
count loss represents a distance from 80h.
When setting DEV bit to 1:
Oscillation adjustment value = (32762.22 - 32768.05) / (32762.22
× 1.017 × 10-6)
≈ (32762.22 - 32768.05) × 30
= -174.97
≈ -175
Oscillation adjustment value can be set from -62 to 63.
Then, in this case, Oscillation adjustment value is out of
range.
(4) Difference between DEV=0 and DEV=1
Difference between DEV=0 and DEV=1 is following,
DEV=0
DEV=1
Maximum value range
-189.2ppm to 189.2ppm
--62ppm to
63ppm
Minimum resolution
3ppm
1ppm
Notes:
1) Oscillation adjustment circuit does not affect the frequency of 32.768-kHz clock pulses output from the
32KOUT pin.
2) If following 3 conditions are completed, actual clock adjustment value could be different from target
adjustment value that set by oscillator adjustment function.
1. Using oscillator adjustment function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com