Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 46 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 46 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division R2023K Datasheet HTML 46Page - RICOH electronics devices division R2023K Datasheet HTML 47Page - RICOH electronics devices division R2023K Datasheet HTML 48Page - RICOH electronics devices division R2023K Datasheet HTML 49Page - RICOH electronics devices division R2023K Datasheet HTML 50Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
R2023K/T
46
Oscillation Frequency Deviation vs. External CF, CD
Oscillation Frequency Deviation vs. Supply Voltage
(VDD=3v, Topt=25
°C, CGout=CDout=0pF as standard)
(Topt=25
°C,VDD=3v as standard)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
External CG (pF)
-5
-4
-3
-2
-1
0
1
2
3
4
5
01
234
56
Supply Voltage VDD (v)
Oscillation Frequency Deviation vs.
VOL vs. IOL (SCL pin)
Operating Temperature
(Topt=25
°C)
(VDD=3V, Topt=25
°C as standard)
-120
-100
-80
-60
-40
-20
0
20
-60 -40 -20 0
20 40 60 80 10
0
Operating TemperatureTopt(Celsius)
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
VOL (v)
VOL vs. IOL ( INTRA , INTRB pin)
(Topt=25
°C)
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
VOL(v)
VDD=5v
VDD=3v
VDD=5v
VDD=3v
VDD=1.5v
VDD=1.7v
CDout=0pF
CDout=5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com