Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 49 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 49 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 42Page - RICOH electronics devices division R2023K Datasheet HTML 43Page - RICOH electronics devices division R2023K Datasheet HTML 44Page - RICOH electronics devices division R2023K Datasheet HTML 45Page - RICOH electronics devices division R2023K Datasheet HTML 46Page - RICOH electronics devices division R2023K Datasheet HTML 47Page - RICOH electronics devices division R2023K Datasheet HTML 48Page - RICOH electronics devices division R2023K Datasheet HTML 49Page - RICOH electronics devices division R2023K Datasheet HTML 50Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
R2023K/T
49
(3) Applied Process of Reading Time and Calendar Data with Periodic Interrupt Function
Time data need not be read from all the time counters when used for such ordinary purposes as time count
indication.
This applied process can be used to read time and calendar data with substantial reductions in the
load involved in such reading.
For Time Indication in "Day-of-Month, Day-of-week, Hour, Minute, and Second"
Format:
*2)
Other interrupts
Processes
Sec.=00?
Yes
No
Generate interrupt to CPU
*1)
*3)
CTFG=1?
Control Register 2
←
(X1X1X011)
Yes
Read Min.,Hr.,Day,
and Day-of-week
*4)
No
Control Register 1
←
(XXXX0100)
Control Register 2
←
(X1X1X011)
Use previous Min.,Hr.,
Day, and Day-of-week data
*1) This step is intended to select the
level mode as a waveform mode for
the periodic interrupt function.
*2) This step must be completed
within 0.5 sec.
*3) This step is intended to read time
data from all the time counters only in
the first session of reading time data
after writing time data.
*4) This step is intended to set the
CTFG bit to 0 in the Control Register
2 to cancel an interrupt to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com