Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2023K Datasheet(PDF) 30 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 30 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 26Page - RICOH electronics devices division R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
R2023K/T
30
• Measurement of Oscillation Frequency
Frequency
Counter
OSCIN
OSCOUT
32KOUT
VSS
32768Hz
VDD
CLKC
* 1) The R2023K/T is configured to generate 32.768-kHz clock pulses for output from the 32KOUT pin.
* 2) A frequency counter with 6 (more preferably 7) or more digits on the order of 1ppm is recommended for
use in the measurement of the oscillation frequency of the oscillation circuit.
• Adjustment of Oscillation frequency
The oscillation frequency of the oscillation circuit can be adjusted by varying procedures depending on the usage
of Model R2023K/T in the system into which they are to be built and on the allowable degree of time count errors.
The flow chart below serves as a guide to selecting an optimum oscillation frequency adjustment procedure for the
relevant system.
Start
Course (B)
Use 32-kHz clock output without regard
to its frequency precision
NO
YES
Use 32-kHz
clock output?
YES
NO
Course (C)
Course (A)
Course (D)
YES
YES
NO
NO
Allowable time count precision on order of oscillation
frequency variations of crystal oscillator (*1) plus
frequency variations of RTC (*2)?
(*3)
Allowable time count precision on order of oscillation
frequency variations of crystal oscillator (*1) plus
frequency variations of RTC (*2)?
(*3)
* 1) Generally, quartz crystal units for commercial use are classified in terms of their center frequency depending
on their load capacitance (CL) and further divided into ranks on the order of
±10, ±20, and ±50ppm depending on
the degree of their oscillation frequency variations.
* 2) Basically, Model R2023K/T is configured to cause frequency variations on the order of
±5 to ±10ppm at 25°C.
* 3) Time count precision as referred to in the above flow chart is applicable to normal temperature and actually
affected by the temperature characteristics and other properties of quartz crystal units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com